Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 76 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 76 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 72Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 73Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 74Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 75Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 76Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 77Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 78Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 79Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 76 of 148
The stack resides in the upper part of the extended internal RAM.
The SP bits (Bits[7:0]) in the stack pointer SFR (SP, Address 0x81)
and the SP bits (Bits[2:0]) in the stack pointer high SFR (SPH,
Address 0xB7) hold the address of the stack in the extended
RAM. The advantage of this solution is that the use of the
general-purpose RAM can be limited to data storage. The use
of the extended internal RAM can be limited to the stack or,
alternatively, split between the stack and data storage if more
space is required. This separation limits the chance of data
corruption because the stack can be contained in the upper
section of the XRAM and does not over-flow into the lower
section containing data. Data can still be stored in extended
RAM by using the MOVX command.
The default starting address for the stack is 0x100, electing the
upper 1792 bytes of XRAM for the stack operation. The starting
address can be reconfigured to reduce the stack by writing to
the SPH[5:3] bits. These three bits set the value of the three most
significant bits of the stack pointer. For example, setting the
SPH[5:3] to a value of 110b moves the default starting address
of the stack to 0x600, allowing the highest 512 bytes of the XRAM
to be used for stack operation. If the situation occurs that the
stack reaches the top of the XRAM and overflows, the stack
pointer rolls over to the default starting address that is written
in SPH[5:3]. Care should be taken if altering the default starting
address of the stack because unwanted overwrite operations
may occur, should the stack overflow or underflow.
Stack Boundary Protection
As a warning signal that the stack pointer is extending outside
the specified range, a stack boundary protection feature is included.
This feature is controlled through the stack boundary SFR
(STCON, Address 0xBF) and is disabled by default. To enable
this feature, the boundary protection enable bit (SBE, Bit 1)
should be set in the STCON SFR.
The stack boundary protection works in two ways to protect the
remainder of the XRAM from being corrupted. The waterline
detection feature monitors the top of the stack and warns the
user when the stack pointer is reaching the overflow point. By
setting STCON[7:3], the level of the waterline below the top of
the XRAM can be set. For example, by setting STCON[7:3] to
the maximum value of 0x1F, the waterline is set to its minimum
value of 0x7FF − 0x1F = 0x7F0. Similarly, by setting STCON[7:3]
to 0x1, the waterline is set at the top of the RAM space,
Address 0x7FE. Note that if STCON[7:3] is set to 000b, the
feature is effectively disabled and no interrupt or reset is generated.
The bottom of the stack is also preserved by the stack boundary
feature. Should the stack pointer be written to a value lower
than the default stack starting address defined in SPH[5:3],
a warning is issued and the perpetrating command is ignored.
The protection for both the waterline and the stack starting
address are enabled simultaneously by setting SBE (Bit 1) in the
STCON SFR.
When enabled, the stack boundary protection can be configured
to either reset the part or trigger an interrupt when a stack viola-
tion occurs. The value of the INT_RST bit (Bit 2) of the STCON
SFR (Address 0xBF) determines the response of the part. When
STCON[2] is set to 0x1 and the stack pointer exceeds the waterline,
the part resets immediately, no matter what other routines are
in progress. If an attempt is made to move the stack pointer below
the default stack starting address when STCON[2] is high, a reset
also occurs. If an interrupt response is selected, the watchdog
interrupt service routine is entered, assuming that there is no
higher level interrupt currently being serviced. Note that once the
SBE bit (Bit 1) of the STCON SFR is enabled, an interrupt(or reset)
triggers if the stack boundary is violated, regardless of the status
of the EA bit (Bit 7) in the interrupt enable SFR (IE, Address 0xA8).
This is because the watchdog interrupt is automatically configured
as a high priority interrupt and, therefore, is not disabled by
clearing EA. When the SBE bit (Bit 1) of the STCON SFR
(Address 0xBF) is low, the feature is completely disabled and no
pending interrupts are generated.
There are two separate flags associated with the stack boundary
protection, allowing the cause of the violation to be determined.
When the waterline is exceeded, a flag is set in WTRLFG (Bit 0)
of the stack boundary SFR (STCON, Address 0xBF), indicating that
the reset/interrupt was initiated by the stack waterline monitor.
This flag remains high until the stack pointer falls below the water-
line and the user clears the flag in software. A waterline or
watchdog reset alone does not clear the flag. To successfully clear
the flag, the software clear must occur while the stack pointer is
below the waterline.
Note that the stack pointer should never be altered while in the
interrupt service routine because this leads to the program
returning to a different section of the program and, therefore,
malfunctioning. An external reset also causes the waterline flag
to reset.
When an attempt is made to move the stack pointer below the
stack starting address, a flag (SBFLG, Bit 0) is set in the stack
pointer high SFR (SPH, Address 0xB7), indicating that the reset/
interrupt was initiated by the stack bottom monitor. Once again,
a boundary or watchdog reset alone does not clear this flag, and
the user must clear the flag in software to successfully acknowledge
the event. Note that if SPH[5:3] and SPH[2:0] are altered simul-
taneously to reduce the default stack starting address, when the
stack boundary condition is enabled, a stack violation condition
occurs and the stack bottom flag, SPH[6], is initiated. To avoid
this condition, it is recommended that the default stack starting
address remain at 0x100 or be increased to further up the XRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com