Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 80 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 80 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 76Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 77Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 78Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 79Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 80Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 81Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 82Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 83Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 80 of 148
INSTRUCTION SET
Table 67 documents the number of clock cycles required for each instruction. Most instructions are executed in one or two clock cycles,
resulting in a 4-MIPS peak performance. Note that, throughout this section, A represents the accumulator.
Table 67. Instruction Set
Mnemonic
Description
Bytes
Cycles
Arithmetic
ADD A, Rn
Add register to A
1
1
ADD A, @Ri
Add indirect memory to A
1
2
ADD A, dir
Add direct byte to A
2
2
ADD A, #data
Add Immediate to A
2
2
ADDC A, Rn 1 1
Add register to A with carry
1
1
ADDC A, @Ri
Add indirect memory to A with carry
1
2
ADDC A, dir
Add direct byte to A with carry
2
2
ADDC A, #data
Add immediate to A with carry
2
2
SUBB A, Rn
Subtract register from A with borrow
1
1
SUBB A, @Ri
Subtract indirect memory from A with borrow
1
2
SUBB A, dir
Subtract direct from A with borrow
2
2
SUBB A, #data
Subtract immediate from A with borrow
2
2
INC A
Increment A
1
1
INC Rn
Increment register
1
1
INC @
Ri increment indirect memory
1
2
INC dir
Increment direct byte
2
2
INC DPTR
Increment data pointer
1
3
DEC A
Decrement A
1
1
DEC Rn
Decrement register
1
1
DEC @Ri
Decrement indirect memory
1
2
DEC dir
Decrement direct byte
2
2
MUL AB
Multiply A by B
1
9
DIV AB
Divide A by B
1
9
DA A
Decimal Adjust A
1
2
Logic
ANL A, Rn
AND register to A
1
1
ANL A, @Ri
AND indirect memory to A
1
2
ANL A, dir
AND direct byte to A
2
2
ANL A, #data
AND immediate to A
2
2
ANL dir, A
AND A to direct byte
2
2
ANL dir, #data
AND immediate data to direct byte
3
3
ORL A, Rn
OR register to A
1
1
ORL A, @Ri
OR indirect memory to A
1
2
ORL A, dir
OR direct byte to A
2
2
ORL A, #data
OR immediate to A
2
2
ORL dir, A
OR A to direct byte
2
2
ORL dir, #data
OR immediate data to direct byte
3
3
XRL A, Rn
Exclusive-OR register to A
1
1
XRL A, @Ri
Exclusive-OR indirect memory to A
2
2
XRL A, #data
Exclusive-OR immediate to A
2
2
XRL dir, A
Exclusive-OR A to direct byte
2
2
XRL A, dir
Exclusive-OR indirect memory to A
2
2
XRL dir, #data
Exclusive-OR immediate data to direct
3
3
CLR A
Clear A
1
1
CPL A
Complement A
1
1
SWAP A
Swap nibbles of A
1
1
RL A
Rotate A left
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com