Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 10 of 148
Table 7. SPI Master Mode Timing (SPICPHA = 1) Parameters
Parameter
Description
Min
Typ
Max
Unit
tSL
SCLK low pulse width
2SPIR × tCORE1
ns
tSH
SCLK high pulse width
2SPIR × tCORE1
ns
tDAV
Data output valid after SCLK edge
3 × tCORE1
ns
tDSU
Data input setup time before SCLK edge
0
ns
tDHD
Data input hold time after SCLK edge
tCORE1
ns
tDF
Data output fall time
19
ns
tDR
Data output rise time
19
ns
tSR
SCLK rise time
19
ns
tSF
SCLK fall time
19
ns
1 tCORE depends on the clock divider or CD[2:0] bits of the POWCON SFR, Address 0xC5 (see Table 25); tCORE = 2CD/4.096 MHz.
SCLK
(SPICPOL = 0)
tDSU
SCLK
(SPICPOL = 1)
MOSI
MISO
MSB
LSB
LSB IN
BITS [6:1]
BITS [6:1]
tDHD
tDR
tDAV
tDF
tSH
tSL
tSR
tSF
MSB IN
Figure 4. SPI Master Mode Timing (SPICPHA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com