Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 92 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 92 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 88Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 89Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 90Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 91Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 92Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 93Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 94Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 95Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 92 of 148
LCD DRIVER
Using shared pins, the LCD module is capable of directly driving
an LCD panel of 17 × 4 segments without compromising any
ADE5166/ADE5169 functions. It is capable of driving LCDs with
2×, 3×, and 4× multiplexing. The LCD waveform voltages gener-
ated through internal charge pump circuitry support up to 5 V
LCDs. An external resistor ladder for LCD waveform voltage
generation is also supported.
Each ADE5166/ADE5169 has an embedded LCD control circuit,
driver, and power supply circuit. The LCD module is functional
in all operating modes (see the Operating Modes section) and
can store up to four different screens in memory for scrolling
purposes.
LCD REGISTERS
There are six LCD control registers that configure the driver for
the specific type of LCD in the end system and set up the user
display preferences. The LCD configuration SFR (LCDCON,
Address 0x95), LCD Configuration X SFR (LCDCONX,
Address 0x9C), and LCD Configuration Y SFR (LCDCONY,
Address 0xB1) contain general LCD driver configuration infor-
mation including the LCD enable and reset, as well as the method
of LCD voltage generation and multiplex level. The LCD clock
SFR (LCDCLK, Address 0x96) configures timing settings for LCD
frame rate and blink rate. LCD pins are configured for LCD
functionality in the LCD segment enable SFR (LCDSEGE,
Address 0x97) and the LCD Segment Enable 2 SFR (LCDSEGE2,
Address 0xED).
Table 89. LCD Driver SFRs
SFR Address
R/W
Mnemonic
Description
0x95
R/W
LCDCON
LCD configuration (see Table 90).
0x96
R/W
LCDCLK
LCD clock (see Table 94).
0x97
R/W
LCDSEGE
LCD segment enable (see Table 97).
0x9C
R/W
LCDCONX
LCD Configuration X (see Table 91).
0xAC
R/W
LCDPTR
LCD pointer (see Table 98).
0xAE
R/W
LCDDAT
LCD data (see Table 99).
0xB1
R/W
LCDCONY
LCD Configuration Y (see Table 93).
0xED
R/W
LCDSEGE2
LCD Segment Enable 2 (see Table 100).
Table 90. LCD Configuration SFR (LCDCON, Address 0x95)
Bit
Mnemonic
Default
Description
7
LCDEN
0
LCD enable. If this bit is set, the LCD driver is enabled.
6
LCDRST
0
LCD data registers reset. If this bit is set, the LCD data registers are reset to 0.
5
BLINKEN
0
Blink mode enable bit. If this bit is set, blink mode is enabled. The blink mode is configured by
BLKMOD (Bits[7:6]) and BLKFREQ (Bits[5:4]) in the LCD clock SFR (LCDCLK, Address 0x96).
4
LCDPSM2
0
Forces LCD off when in PSM2 (sleep) mode. Note that the internal voltage reference must be enabled by
setting the REF_BAT_EN bit in the peripheral configuration SFR (PERIPH, Address 0xF4) to allow LCD
operation in PSM2.
LCDPSM2
Result
0
The LCD is disabled or enabled in PSM2 by the LCDEN bit
1
The LCD is disabled in PSM2 regardless of LCDEN setting
3
CLKSEL
0
LCD clock selection.
CLKSEL
Result
0
fLCDCLK = 2048 Hz
1
fLCDCLK = 128 Hz
2
BIAS
0
Bias mode.
BIAS
Result
0
1/2
1
1/3
[1:0]
LMUX
0
LCD multiplex level.
LMUX
Result
00
Reserved
01
2× multiplexing; FP27/COM3 is used as FP27, and FP28/COM2 is used as FP28
10
3× multiplexing; FP27/COM3 is used as FP27, and FP28/COM2 is used as COM2
11
4× multiplexing; FP27/COM3 is used as COM3, and FP28/COM2 is used as COM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com