Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 43 of 148
ANALOG-TO-DIGITAL CONVERSION
Each ADE5166/ADE5169 has two Σ-Δ analog-to digital converters
(ADCs). The outputs of these ADCs are mapped directly to wave-
form sampling SFRs (Address 0xE2 to Address 0xE7) and are used
for energy measurement internal digital signal processing. In PSM1
(battery) mode and PSM2 (sleep) mode, the ADCs are powered
down to minimize power consumption.
For simplicity, the block diagram in Figure 41 shows a first-order
Σ-Δ ADC. The converter is made up of the Σ-Δ modulator and
the digital low-pass filter (LPF).
A Σ-Δ modulator converts the input signal into a continuous
serial stream of 1s and 0s at a rate determined by the sampling
clock. In the ADE5166/ADE5169, the sampling clock is equal to
4.096 MHz/5. The 1-bit DAC in the feedback loop is driven by
the serial data stream. The DAC output is subtracted from the
input signal. If the loop gain is high enough, the average value of
the DAC output (and, therefore, the bit stream) can approach
that of the input signal level.
For any given input value in a single sampling interval, the data
from the 1-bit ADC is virtually meaningless. Only when a large
number of samples are averaged is a meaningful result obtained.
This averaging is carried into the second part of the ADC, the
digital LPF. By averaging a large number of bits from the mod-
ulator, the low-pass filter can produce 24-bit data-words that are
proportional to the input signal level.
The Σ-Δ converter uses two techniques to achieve high resolution
from what is essentially a 1-bit conversion technique. The first
is oversampling. Oversampling means that the signal is sampled
at a rate (frequency) that is many times higher than the bandwidth
of interest. For example, the sampling rate in the ADE5166/
ADE5169 is 4.096 MHz/5 (819.2 kHz), and the band of interest
is 40 Hz to 2 kHz. Oversampling has the effect of spreading the
quantization noise (noise due to sampling) over a wider band-
width. With the noise spread more thinly over a wider bandwidth,
the quantization noise in the band of interest is lowered (see
Figure 40).
409.6
0819.2
2
NOISE
SIGNAL
DIGITAL
FILTER
ANTIALIAS
FILTER (RC)
SAMPLING
FREQUENCY
HIGH RESOLUTION
OUTPUT FROM DIGITAL
LPF
SHAPED
NOISE
409.6
0819.2
2
NOISE
SIGNAL
FREQUENCY (kHz)
FREQUENCY (kHz)
Figure 40. Noise Reduction Due to Oversampling and
Noise Shaping in the Analog Modulator
However, oversampling alone is not efficient enough to improve
the signal-to-noise ratio (SNR) in the band of interest. For example,
an oversampling ratio of four is required to increase the SNR by
only 6 dB (1 bit). To keep the oversampling ratio at a reasonable
level, it is possible to shape the quantization noise so that the
majority of the noise lies at the higher frequencies. In the Σ-Δ
modulator, the noise is shaped by the integrator, which has a
high-pass-type response for the quantization noise. The result
is that most of the noise is at the higher frequencies where it can
be removed by the digital LPF. This noise shaping is shown in
Figure 40.
+
–
INTEGRATOR
VREF
1-BIT DAC
DIGITAL
LOW-PASS
FILTER
24
MCLK/5
C
R
ANALOG
LOW-PASS FILTER
... 10100101 ...
LATCHED
COMPARATOR
Figure 41. First-Order
Σ-∆ ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com