Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 91 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 91 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 87Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 88Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 89Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 90Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 91Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 92Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 93Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 94Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 91 of 148
Table 88. Watchdog and Flash Protection Byte in Flash (Flash Address = 0x3FFA)
Bit
Mnemonic
Default
Description
7
WDPROT_PROTKY7
1
This bit holds the protection for the watchdog timer and the seventh bit of the flash protection key.
When this bit is cleared, the watchdog enable and event bits WDE and WDIR cannot be changed
by user code. The watchdog configuration is then fixed to WDIR = 0 and WDE = 1. The watchdog
timeout in PRE (Bits[7:4]) can still be modified by user code.
The value of this bit is also used to set the flash protection key. If this bit is cleared to protect the
watchdog, then the default value for the flash protection key is 0x7F instead of 0xFF (see the
Protecting the Flash section for more information on how to clear this bit).
[6:0]
PROTKY[6:0]
0xFF
These bits hold the flash protection key. The content of this flash address is compared to the flash
protection key SFR (PROTKY, Address 0xBB) when the protection is being set or changed. If the
two values match, the new protection is written to the flash Address 0x3FFF to Address 0x3FFB.
See the Protecting the Flash section for more information on how to configure these bits.
Writing to the Watchdog Timer SFR (WDCON, Address 0xC0)
Writing data to the WDCON SFR involves a double instruction
sequence. The WDWR (Bit 0) bit must be set, and the following
instruction must be a write instruction to the WDCON SFR.
; Disable Watchdog
CLR EA
SETB WDWR
CLR WDE
SETB EA
This sequence is necessary to protect the WDCON SFR from
code execution upsets that may unintentionally modify this
SFR. Interrupts should be disabled during this operation due
to the consecutive instruction cycles.
Watchdog Timer Interrupt
If the watchdog timer is not cleared within the watchdog timeout
period, a system reset occurs unless the watchdog timer interrupt is
enabled. The watchdog timer interrupt response bit (WDIR, Bit 3)
is located in the watchdog timer SFR (WDCON, Address 0xC0).
Enabling the WDIR bit allows the program to examine the stack
or other variables that may have led the program to execute
inappropriate code. The watchdog timer interrupt also allows
the watchdog to be used as a long interval timer.
Note that WDIR is automatically configured as a high priority
interrupt. This interrupt cannot be disabled by the EA bit (Bit 7)
in the interrupt enable SFR (IE, Address 0xA8; see Table 80).
Even if all of the other interrupts are disabled, the watchdog is
kept active to watch over the program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com