Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 49 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 49 of 148
Figure 52 shows the mechanism of the zero-crossing timeout
detection when the line voltage stays at a fixed dc level for more
than MCLK/160 × ZXTOUT seconds.
12-BIT INTERNAL
REGISTER VALUE
ZXTOUT
VOLTAGE
CHANNEL
ZXTO
FLAG
BIT
Figure 52. Zero-Crossing Timeout Detection
Period or Frequency Measurements
The ADE5166/ADE5169 provide the period or frequency measure-
ment of the line. The period or frequency measurement is selected
by clearing or setting the FREQSEL bit (Bit 1) in the MODE2 reg-
ister (Address 0x0C). The period/frequency register, PER_FREQ
(Address 0x0A), is an unsigned 16-bit register that is updated
every period. If LPF1 is enabled, a settling time of 1.8 sec is
associated with this filter before the measurement is stable.
When the period measurement is selected, the measurement has a
2.44 μs/LSB (4.096 MHz/10) resolution, which represents 0.014%
when the line frequency is 60 Hz. When the line frequency is
60 Hz, the value of the period register is approximately 0d6827.
The length of the register enables the measurement of line fre-
quencies as low as 12.5 Hz. The period register is stable at ±1 LSB
when the line is established, and the measurement does not change.
When the frequency measurement is selected, the measurement
has a 0.0625 Hz/LSB resolution when MCLK = 4.096 MHz, which
represents 0.104% when the line frequency is 60 Hz. When the
line frequency is 60 Hz, the value of the frequency register is 0d960.
The frequency register is stable at ±4 LSB when the line is estab-
lished, and the measurement does not change.
Line Voltage SAG Detection
In addition to detection of the loss of the line voltage signal
(zero crossing), the ADE5166/ADE5169 can also be programmed
to detect when the absolute value of the line voltage drops
below a certain peak value for a number of line cycles. This
condition is illustrated in Figure 53.
SAG IS RESET LOW
WHEN VOLTAGE
CHANNEL EXCEEDS
SAGLVL[15:0] AND
SAG FLAG IS RESET
FULL SCALE
SAGLVL[15:0]
SAG FLAG
SAGCYC[7:0] = 0x04
3 LINE CYCLES
VOLTAGE CHANNEL
Figure 53. SAG Detection
Figure 53 shows the line voltage falling below a threshold that
is set in the SAG level register (SAGLVL[15:0], Address 0x14)
for three line cycles. The quantities 0 and 1 are not valid for the
SAGCYC register, and the contents represent one more than the
desired number of full line cycles. For example, when the SAG
cycle (SAGCYC[7:0], Address 0x13) contains 0x04, FSAG (Bit 5) in
the power management interrupt flag SFR (IPSMF, Address 0xF8)
is set at the end of the third line cycle after the line voltage falls
below the threshold. If the SAG enable bit (ESAG, Bit 5) in the
power management interrupt enable SFR (IPSME, Address 0xEC)
is set, the 8052 core has a pending power supply management
interrupt. The PSM interrupt stays active until the ESAG bit is
cleared (see the Power Supply Management (PSM) Interrupt
section).
In Figure 53, the SAG flag (FSAG) is set on the fifth line cycle
after the signal on the voltage channel first dropped below the
threshold level.
SAG Level Set
The 2-byte contents of the SAG level register (SAGLVL,
Address 0x14) are compared to the absolute value of the output
from LPF1. Therefore, when LPF1 is enabled, writing 0x2038 to the
SAG level register puts the SAG detection level at full scale (see
Figure 53). Writing 0x00 or 0x01 puts the SAG detection level
at 0. The SAG level register is compared to the input of the ZX
detection, and detection is made when the ZX input falls below the
contents of the SAG level register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com