Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 77 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 77 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 73Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 74Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 75Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 76Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 77Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 78Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 79Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 80Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 77 of 148
A useful implementation of the waterline feature is to determine
the amount of space required for the stack and allow a suitable
default starting address to be selected. This optimizes the use
of the additional XRAM space, allowing it to be used for data
storage. To obtain this information, the waterline should be set
to the estimated stack maximum and the interrupt enabled. If
the stack exceeds the estimated maximum, the interrupt triggers,
and the waterline level should be increased in the interrupt
service routine. Before returning to the main program, the
waterline interrupt status flag (WTRLFG, Bit 0) of the stack
boundary SFR (STCON, Address 0xBF) should be cleared. This
program continues to jump to the waterline service routine
until the stack no longer exceeds the waterline level and the
maximum stack level is determined.
0xFF
0x7FF
256 BYTES
{SPH[5:3], 0x00}
0x7FF-STCON[7:3]
2kB OF
ON-CHIP x-RAM
STACK STARTING
ADDRESS
WATERLINE
OF RAM
(DATA)
0x00
0x00
Figure 77. Extended Stack Pointer Operation
STANDARD 8052 SFRS
The standard 8052 SFRs include the accumulator (ACC), B, PSW,
DPTR, and SP SFRs, as described in the Basic 8052 Registers
section. The 8052 also defines standard timers, serial port
interfaces, interrupts, I/O ports, and power-down modes.
Timer SFRs
The 8052 contains three 16-bit timers, the identical Timer 0 and
Timer 1, as well as a Timer 2. These timers can also function as
event counters. Timer 2 has a capture feature in which the value
of the timer can be captured in two 8-bit registers upon the
assertion of an external input signal (see the Timers section).
Serial Port SFRs
The two full-duplex serial port peripherals each require two
registers, one for setting up the baud rate and other communication
parameters, and another byte for the transmit/receive buffer. The
ADE5166/ADE5169 also provide enhanced serial port function-
ality with a dedicated timer for baud rate generation with a
fractional divisor and additional error detection (see the UART
Serial Interface section and the UART2 Serial Interface section.)
Interrupt SFR
There is a two-tiered interrupt system standard in the 8052
core. The priority level for each interrupt source is individually
selectable as high or low. TheADE5166/ADE5169 enhance this
interrupt system by creating, in essence, a third interrupt tier
for a highest priority power supply management interrupt, PSM
(see the Interrupt System section).
I/O Port SFRs
The 8052 core supports four I/O ports, P0 through P3, where
Port 0 and Port 2 are typically used for access to external code
and data spaces. The ADE5166/ADE5169, unlike standard 8052
products, provide internal nonvolatile flash memory so that an
external code space is unnecessary. The on-chip LCD driver
requires many pins, some of which are dedicated for LCD
functionality and others that can be configured at LCD or
general-purpose I/O. Due to the limited number of I/O pins,
the ADE5166/ADE5169 do not allow access to external code
and data spaces.
The ADE5166/ADE5169 provide 20 pins that can be used for
general-purpose I/O. These pins are mapped to Port 0, Port 1, and
Port 2 and are accessed through three bit-addressable 8052 SFRs:
P0, P1, and P2. Another enhanced feature of the ADE5166/
ADE5169 is that the weak pull-ups standard on 8052 Port 1,
Port 2, and Port 3 can be disabled to make open-drain outputs,
as is standard on Port 0. The weak pull-ups can be enabled on
a pin-by-pin basis (see the I/O Ports section).
Power Control Register (PCON, Address 0x87)
The 8052 core defines two power-down modes: power-down
and idle. The ADE5166/ADE5169 enhance the power control
capability of the traditional 8052 MCU with additional power
management functions. The POWCON register is used to
define power control specific functionality for the ADE5166/
ADE5169. The program control SFR (PCON, Address 0x87) is
not bit addressable (see
the Power Management section).
The ADE5166/ADE5169 provide many other peripherals not
standard to the 8052 core, for example
:
•
ADE energy measurement DSP
•
Full RTC
•
LCD driver
•
Battery switchover/power management
•
Temperature ADC
•
Battery ADC
•
SPI/I2C communication
•
Flash memory controller
•
Watchdog timer
•
Secondary UART port
MEMORY OVERVIEW
The ADE5166/ADE5169 contain three memory blocks.
•
62 kB of on-chip Flash/EE program and data memory
•
256 bytes of general-purpose RAM
•
2 kB of internal extended RAM (XRAM)
The 256 bytes of general-purpose RAM share the upper 128 bytes
of its address space with the SFRs. All of the memory spaces are
shown in Figure 76. The addressing mode specifies which
memory space to access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com