Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 65 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 65 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 61Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 62Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 63Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 64Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 65Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 66Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 67Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 68Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 65 of 148
Line Apparent Energy Accumulation
The ADE5166/ADE5169 are designed with a special apparent
energy accumulation mode that simplifies the calibration process.
By using the on-chip, zero-crossing detection, the ADE5166/
ADE5169 accumulate the apparent power signal in the LVAHR
register (Address 0x09) for an integral number of half cycles, as
shown in Figure 73. The line apparent energy accumulation mode
is always active.
The number of half-line cycles is specified in the LINCYC
register (Address 0x12), which is an unsigned 16-bit register.
The ADE5166/ADE5169 can accumulate apparent power for up
to 65,535 combined half cycles. Because the apparent power is
integrated on the same integral number of line cycles as the line
active register and reactive energy register, these values can easily
be compared. The energies are calculated more accurately
because of this precise timing control and provide all the
information needed for reactive power and power factor
calculation.
At the end of an energy calibration cycle, the CYCEND flag (Bit 2)
in the Interrupt Status 3 SFR (MIRQSTH, Address 0xDE) is set.
If the CYCEND enable bit (Bit 2) in the Interrupt Enable 3 SFR
(MIRQENH, Address 0xDB) is enabled, the 8052 core has
a pending ADE interrupt.
As for LWATTHR, when a new half-line cycle is written
in the LINCYC register (Address 0x12), the LVAHR register
(Address 0x09) is reset and a new accumulation starts at the next
zero crossing. The number of half-line cycles is then counted until
LINCYC is reached.
This implementation provides a valid measurement at the first
CYCEND interrupt after writing to the LINCYC register. The
line apparent energy accumulation uses the same signal path as
the apparent energy accumulation. The LSB size of these two
registers is equivalent.
Apparent Power No Load Detection
The ADE5166/ADE5169 include a no load threshold feature on
the apparent power that eliminates any creep effects in the meter.
The ADE5166/ADE5169 accomplish this by not accumulating
energy if the multiplier output is below the no load threshold.
When the apparent power is below the no load threshold, the
VANOLOAD flag (Bit 2) in the Interrupt Status 1 SFR
(MIRQSTL, Address 0xDC) is set.
If the VANOLOAD bit (Bit 2) is set in the Interrupt Enable 1
SFR (MIRQENL, Address 0xD9), the 8052 core has a pending
ADE interrupt. The ADE interrupt stays active until the
APNOLOAD status bit is cleared (see the Energy Measurement
Interrupts section).
The no load threshold level is selectable by setting the
VANOLOAD bits (Bits[5:4]) in the NLMODE register
(Address 0x0E). Setting these bits to 0b00 disables the no load
detection, and setting them to 0b01, 0b10, or 0b11 sets the no
load detection threshold to 0.030%, 0.015%, and 0.0075% of the
full-scale output frequency of the multiplier, respectively.
This no load threshold can also be applied to the Irms pulse
output when selected. In this case, the level of no load threshold
is the same as for the apparent energy.
AMPERE-HOUR ACCUMULATION
In a tampering situation where no voltage is available to the energy
meter, the ADE5166/ADE5169 are capable of accumulating the
ampere-hour instead of apparent power into the VAHR, RVAHR,
and LVAHR. When the VARMSCFCON bit (Bit 3) of the MODE2
register (Address 0x0C) is set, the VAHR, RVAHR, and LVAHR
and the input for the digital-to-frequency converter accumulate
Irms instead of apparent power. All the signal processing and cali-
bration registers available for apparent power and energy
accumulation remain the same when ampere-hour accumulation
is selected. However, the scaling difference between Irms and
apparent power requires independent values for gain calibration
in the VAGAIN (Address 0x1F), VADIV (Address 0x26),
CFxNUM (Address 0x27 and Address 0x29), and CFxDEN
(Address 0x28 and Address 0x2A) registers.
LPF1
+
+
LVAHR[23:0]
LVAHR REGISTER IS
UPDATED EVERY LINCYC
ZERO CROSSING WITH THE
TOTAL APPARENT ENERGY
DURING THAT DURATION
FROM
VOLTAGE CHANNEL
ADC
23
0
LINCYC[15:0]
48
0
%
ZERO-CROSSING
DETECTION
CALIBRATION
CONTROL
VADIV[7:0]
APPARENT POWER
OR Irms
Figure 73. Line Cycle Apparent Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com