Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 97 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 97 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 93Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 94Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 95Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 96Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 97Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 98Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 99Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 100Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 97 of 148
Table 101. LCD Data Memory Accessed Indirectly Through LCD Pointer SFR (LCDPTR, Address 0xAC) and LCD Data SFR (LCDDAT,
Address 0xAE)1, 2
LCD Pointer SFR (LCDPTR, Address 0xAC)
LCD Pointer SFR (LCDDAT, Address 0xAE)
LCD Memory Address
COM3
COM2
COM1
COM0
COM3
COM2
COM1
COM0
0x0E
FP28
FP28
FP28
FP28
0x0D
FP27
FP27
FP27
FP27
N/A
N/A
N/A
N/A
0x0C
FP25
FP25
FP25
FP25
FP24
FP24
FP24
FP24
0x0B
FP23
FP23
FP23
FP23
FP22
FP22
FP22
FP22
0x0A
FP21
FP21
FP21
FP21
FP20
FP20
FP20
FP20
0x09
FP19
FP19
FP19
FP19
FP18
FP18
FP18
FP18
0x08
FP17
FP17
FP17
FP17
FP16
FP16
FP16
FP16
0x07
FP15
FP15
FP15
FP15
FP14
FP14
FP14
FP14
0x06
FP13
FP13
FP13
FP13
FP12
FP12
FP12
FP12
0x05
FP11
FP11
FP11
FP11
FP10
FP10
FP10
FP10
0x04
FP9
FP9
FP9
FP9
FP8
FP8
FP8
FP8
0x03
FP7
FP7
FP7
FP7
FP6
FP6
FP6
FP6
0x02
FP5
FP5
FP5
FP5
FP4
FP4
FP4
FP4
0x01
FP3
FP3
FP3
FP3
FP2
FP2
FP2
FP2
0x00
FP1
FP1
FP1
FP1
FP0
FP0
FP0
FP0
1 COMx designates the common lines.
2 FPx designates the segment lines.
VOLTAGE GENERATION
The ADE5166/ADE5169 provide two ways to generate the LCD
waveform voltage levels. The on-chip charge pump option can
generate 5 V. This makes it possible to use 5 V LCDs with the 3.3 V
ADE5166/ADE5169. There is also an option to use an external
resistor ladder with a 3.3 V LCD. The EXTRES bit (Bit 6) in the
LCD Configuration X SFR (LCDCONX, Address 0x9C) selects
the resistor ladder or charge pump option.
When selecting how to generate the LCD waveform voltages,
the following should be considered:
•
Lifetime performance power consumption
•
Contrast control
Lifetime Performance Power Consumption
In most LCDs, a high amount of current is required when the LCD
waveforms change state. The external resistor ladder option draws a
constant amount of current, whereas the charge pump circuitry
allows dynamic current consumption. If the LCD module is used
with the internal charge pump option when the display is disabled,
the voltage generation is disabled so that no power is consumed by
the LCD function. This feature results in significant power
savings if the display is turned off during battery operation.
Contrast Control
The electrical characteristics of the liquid in the LCD change
over temperature. This requires adjustments in the LCD waveform
voltages to ensure a readable display. An added benefit of the
internal charge pump voltage generation is a configurable bias
voltage that can be compensated over temperature and supply
to maintain contrast on the LCD. These compensations can be
performed based on the ADE5166/ADE5169 temperature and
supply voltage measurements (see the Temperature, Battery, and
Supply Voltage Measurements section). This dynamic contrast
control is not easily implemented with external resistor ladder
voltage generation.
The LCD bias voltage sets the contrast of the display when the
charge pump provides the LCD waveform voltages. The ADE5166/
ADE5169 provide 64 bias levels selected by the BIASLVL[5:0]
bits in the LCD Configuration X SFR (LCDCONX, Address 0x9C).
The voltage level on LCDVA, LCDVB, and LCDVC depend on the
internal voltage reference value (VREF), BIASLVL (Bits[5:0]) selec-
tion, and the biasing selected, as described in Table 92.
Lifetime Performance
DC offset on a segment degrades its performance over time.
The voltages generated through the internal charge pump
switch faster than those generated by the external resistor
ladder, reducing the likelihood of a dc voltage being applied
to a segment and increasing the lifetime of the LCD.
LCD EXTERNAL CIRCUITRY
The voltage generation selection is made by the EXTRES bit
(Bit 6) in the LCD configuration X SFR (LCDCONX,
Address 0x9C). This bit is cleared by default for charge pump
voltage generation, but it can be set to enable an external
resistor ladder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com