Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 30 of 148
t1
t2
VDD
VDCIN
VP – VN
2.75V
1.2V
SAG LEVEL TRIP POINT
SAGCYC = 1
SAG EVENT
(FSAG = 1)
VDCIN EVENT
(FVDCIN = 1)
IF SWITCHOVER ON LOW VDD IS ENABLED,
AUTOMATIC BATTERY SWITCHOVER OCCURS.
VSWOUT IS CONNECTED TO VBAT.
BSO EVENT
(FBSO = 1)
Figure 33. Power Supply Management Interrupts and Battery Switchover with Only VDD Enabled for Battery Switchover
V – V
P
t1
t3
VDD
VDCIN
N
2.75V
1.2V
SAG LEVEL TRIP POINT
SAGCYC = 1
SAG EVENT
(FSAG = 1)
VDCIN EVENT
(FVDCIN = 1)
IF SWITCHOVER ON LOW VDCIN IS
ENABLED, AUTOMATIC BATTERY
SWITCHOVER OCCURS. VSWOUT
IS CONNECTED TO VBAT.
BSO EVENT
(FBSO = 1)
Figure 34. Power Supply Management Interrupts and Battery Switchover with VDD or VDCIN Enabled for Battery Switchover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com