Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 54 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 54 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 55Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 57Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 54 of 148
Active Power Gain Calibration
Figure 61 shows the signal processing chain for the active power
calculation in the ADE5166/ADE5169. As explained previously,
the active power is calculated by filtering the output of the multi-
plier with a low-pass filter. Note that, when reading the waveform
samples from the output of LPF2, the gain of the active energy
can be adjusted by using the multiplier and watt gain register
(WGAIN[11:0], Address 0x1D). The gain is adjusted by writing
a twos complement 12-bit word to the watt gain register.
Equation 10 shows how the gain adjustment is related to the
contents of the watt gain register.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎭
⎬
⎫
⎩
⎨
⎧ +
×
=
12
2
1
WGAIN
Power
Active
WGAIN
Output
(10)
For example, when 0x7FF is written to the watt gain register, the
power output is scaled up by 50% (0x7FF = 2047d, 2047/212 = 0.5).
Similarly, 0x800 = −2048d (signed, twos complement) and power
output is scaled by –50%. Each LSB scales the power output by
0.0244%. The minimum output range is given when the watt gain
register contents are equal to 0x800, and the maximum range is
given by writing 0x7FF to the watt gain register. This can be used
to calibrate the active power (or energy) calculation in the
ADE5166/ADE5169.
Active Power Offset Calibration
The ADE5166/ADE5169 also incorporate an active power offset
register (WATTOS[15:0], Address 0x20). It is a signed, twos com-
plement, 16-bit register that can be used to remove offsets in the
active power calculation (see Figure 59). An offset can exist in the
power calculation due to crosstalk between channels on the PCB
or in the IC itself. The offset calibration allows the contents of the
active power register to be maintained at 0 when no power is being
consumed.
The 256 LSBs (WATTOS = 0x0100) written to the active power
offset register are equivalent to 1 LSB in the waveform sample
register. Assuming the average value, output from LPF2 is
0xCCCCD (838,861d) when inputs on the voltage and current
channels are both at full scale. At −60 dB down on the current
channel (1/1000 of the current channel full-scale input), the
average word value output from LPF2 is 838.861 (838,861/1000).
One LSB in the LPF2 output has a measurement error of
1/838.861 × 100% = 0.119% of the average value. The active
power offset register has a resolution equal to 1/256 LSB of
the waveform register. Therefore, the power offset correction
resolution is 0.000464%/LSB (0.119%/256) at −60 dB.
Active Power Sign Detection
The ADE5166/ADE5169 can detect a change of sign in the active
power. The APSIGN flag (Bit 3) in the Interrupt Status 1 SFR
(MIRQSTL, Address 0xDC) records when a change of sign has
occurred according to the APSIGN bit (Bit 4) in the ACCMODE
register (Address 0x0F). If the APSIGN flag (Bit 3)is set in the
Interrupt Enable 1 SFR (MIRQENL, Address 0xD9), the 8052 core
has a pending ADE interrupt. The ADE interrupt stays active until
the APSIGN status bit is cleared (see the Energy Measurement
Interrupts section).
When APSIGN (Bit 4) in the ACCMODE register (Address 0x0F)
is cleared (default), the APSIGN flag (Bit 3) in the Interrupt
Status 1 SFR (MIRQSTL, Address 0xDC) is set when a transition
from positive to negative active power occurs.
When the APSIGN bit (Bit 4) in the ACCMODE register
(Address 0x0F) is set, the APSIGN flag (Bit 3) in the MIRQSTL
SFR (Address 0xDC) is set when a transition from negative to
positive active power occurs.
Active Power No Load Detection
The ADE5166/ADE5169 include a no load threshold feature on
the active energy that eliminates any creep effects in the meter.
The part accomplishes this by not accumulating energy if the
multiplier output is below the no load threshold. When the active
power is below the no load threshold, the APNOLOAD flag (Bit 0)
in the Interrupt Status 1 SFR (MIRQSTL, Address 0xDC) is set.
If the APNOLOAD bit (Bit 0) is set in the Interrupt Enable 1 SFR
(MIRQENL, Address 0xD9), the 8052 core has a pending ADE
interrupt. The ADE interrupt stays active until the APNOLOAD
status bit is cleared (see the Energy Measurement Interrupts
section).
The no load threshold level is selectable by setting the
APNOLOAD bits (Bits[1:0]) in the NLMODE register
(Address 0x0E). Setting these bits to 0b00 disables the no load
detection, and setting them to 0b01, 0b10, or 0b11 sets the no load
detection threshold to 0.015%, 0.0075%, or 0.0037% of the multi-
plier full-scale output frequency, respectively. The IEC 62053-21
specification states that the meter must start up with a load of
≤0.4% IPB, which translates to 0.0167% of the full-scale output
frequency of the multiplier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com