Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 60 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 60 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 57Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 58Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 59Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 60Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 61Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 62Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 63Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 60 of 148
Reactive Power No Load Detection
The ADE5169 includes a no load threshold feature on the reactive
energy that eliminates any creep effects in the meter. The ADE5169
accomplishes this by not accumulating reactive energy when
the multiplier output is below the no load threshold. When the
reactive power is below the no load threshold, the RNOLOAD flag
(Bit 1) in the Interrupt Status 1 SFR (MIRQSTL, Address 0xDC)
is set. If the RNOLOAD bit (Bit 1) is set in the Interrupt Enable 1
SFR (MIRQENL, Address 0xD9), the 8052 core has a pending ADE
interrupt. The ADE interrupt stays active until the RNOLOAD
status bit is cleared (see the Energy Measurement Interrupts
section).
The no load threshold level can be selected by setting the
VARNOLOAD bits (Bits[3:2])in the NLMODE register, located
at Address 0x0E. Setting these bits to 0b00 disables the no load
detection, and setting them to 0b01, 0b10, or 0b11 sets the no
load detection threshold to 0.015%, 0.0075%, and 0.0037% of
the full-scale output frequency of the multiplier, respectively.
REACTIVE ENERGY CALCULATION (ADE5169)
As for active energy, the ADE5169 achieves the integration of the
reactive power signal by continuously accumulating the reactive
power signal in an internal, nonreadable, 49-bit energy register. The
reactive energy register (VARHR[23:0], Address 0x04) represents
the upper 24 bits of this internal register. The VARHR register
and its function are available for the ADE5169.
The discrete time sample period (T) for the accumulation register
in the ADE5169 is 1.22 μs (5/MCLK). As well as calculating the
energy, this integration removes any sinusoidal components
that may be in the active power signal. Figure 67 shows this
discrete time integration or accumulation. The reactive power
signal in the waveform register is continuously added to the
internal reactive energy register.
The reactive energy accumulation depends on the setting of the
SAVARM and ABSVARM bits in the ACCMODE register
(Address 0x0F). When both bits are cleared, the addition is
signed and, therefore, negative energy is subtracted from the
reactive energy contents. When both bits are set, the ADE5169
is set to be in the more restrictive mode, which is the absolute
accumulation mode.
When the SAVARM bit (Bit 2) in the ACCMODE register
(Address 0x0F) is set, the reactive power is accumulated
depending on the sign of the active power. When active power
is positive, the reactive power is added as it is to the reactive energy
register. When active power is negative, the reactive power is
subtracted from the reactive energy accumulator (see the Var
Antitamper Accumulation Mode section).
When the ABSVARM bit (Bit 3) in the ACCMODE register
(Address 0x0F) is set, the absolute reactive power is used for the
reactive energy accumulation (see the Var Absolute Accumulation
Mode section).
The output of the multiplier is divided by VARDIV. If the value
in the VARDIV register (Address 0x25) is equal to 0, the internal
reactive energy register is divided by 1. VARDIV is an 8-bit,
unsigned register. After dividing by VARDIV, the reactive energy is
accumulated in a 49-bit internal energy accumulation register.
The upper 24 bits of this register are accessible through a read to
the reactive energy register (VARHR[23:0], Address 0x04). A read
to the RVAHR register (Address 0x08) returns the content of
the VARHR register, and the upper 24 bits of the internal register
are cleared.
As shown in Figure 67, the reactive power signal is accumulated
in an internal 49-bit, signed register. The reactive power signal
can be read from the waveform register by setting the WAVMODE
register (Address 0x0D) and setting the WFSM bit (Bit 5) in the
Interrupt Enable 3 SFR (MIRQENH, Address 0xDB). Like the
current and voltage channel waveform sampling modes, the
waveform data is available at sample rates of 25.6 kSPS, 12.8
kSPS, 6.4 kSPS, and 3.2 kSPS.
Figure 62 shows this energy accumulation for full-scale signals
(sinusoidal) on the analog inputs. These curves also apply for
the reactive energy accumulation.
Note that the energy register contents roll over to full-scale
negative (0x800000) and continue to increase in value when
the power or energy flow is positive. Conversely, if the power is
negative, the energy register underflows to full-scale positive
(0x7FFFFF) and continues to decrease in value.
Using the interrupt enable register (MIRQENM, Address 0xDA),
the ADE5169 can be configured to issue an ADE interrupt to
the 8052 core when the reactive energy register is half-full
(positive or negative) or when an overflow or underflow occurs.
Integration Time Under Steady Load: Reactive Energy
As mentioned in the Active Energy Calculation section, the
discrete time sample period (T) for the accumulation register is
1.22 μs (5/MCLK). With full-scale sinusoidal signals on the
analog inputs and the VARGAIN register (Address 0x1E) and
the VARDIV register (Address 0x25) set to 0x000, the integration
time before the reactive energy register overflows is calculated
in Equation 24.
Time =
min
82
.
6
sec
6
.
409
s
22
.
1
0xCCCCD
FFFF
FFFF,
0xFFFF,
=
=
μ
×
VARDIV
Time
Time
WDIV
(24)
When VARDIV is set to a value different from 0, the integration
time varies, as shown in Equation 25.
=
×
(25)
=0
Reactive Energy Accumulation Modes
Var Signed Accumulation Mode
The ADE5169 reactive energy default accumulation mode is a
signed accumulation based on the reactive power information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com