Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 47 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 47 of 148
()
For calibration, a first measurement should be done on IPA by
setting the SEL_I_CH bits to 0b01 in the CALMODE register
(Address 0x3D). This measurement should be compared to the
measurement on IPB. Measuring IPB can be forced by setting the
SEL_I_CH bits to 0b10 in the CALMODE register (Address 0x3D).
The gain error between these two measurements can be evaluated
using the following equation:
( )
( )
()
A
A
B
I
t
Measuremen
I
t
Measuremen
I
t
Measuremen
Error
−
=
%
The two channels, IPA and IPB, can then be matched by writing
–Error(%)/(1 + Error(%)) × 212 to the IBGAIN register
(Address 0x1C). This matching adjustment is valid for all
energy measurements made by the ADE5166/ADE5169,
including active power, reactive power (the ADE5169 only),
apparent power, and Irms.
di/dt CURRENT SENSOR AND DIGITAL INTEGRATOR
(ADE5169)
A di/dt sensor, a feature available for the ADE5169, detects changes
in the magnetic field caused by ac currents. Figure 46 shows the
principle of a di/dt current sensor.
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
–50
100
1000
FREQUENCY (Hz)
102
103
FREQ
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
+ EMF (ELECTROMOTIVE FORCE)
– INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
Figure 46. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is directly
proportional to the magnitude of the current. The changes in the
magnetic flux density passing through a conductor loop generate
an electromotive force (EMF) between the two ends of the loop.
The EMF is a voltage signal that is proportional to the di/dt of the
current. The voltage output from the di/dt current sensor is deter-
mined by the mutual inductance between the current-carrying
conductor and the di/dt sensor. The current signal needs to be
recovered from the di/dt signal before it can be used. An integrator
is, therefore, necessary to restore the signal to its original form.
The ADE5169 has a built-in digital integrator to recover the
current signal from the di/dt sensor. The digital integrator on
the current channel is switched off by default when the ADE5169
is powered up. Setting the INTE bit (Bit 5) in the MODE1 register
(Address 0x0B) turns on the integrator. Figure 47 to Figure 50
show the gain and phase response of the digital integrator.
Figure 47. Combined Gain Response of the Digital Integrator and
Phase Compensator
–88.0
–88.5
–89.0
–89.5
–90.0
–90.5
Figure 48. Combined Phase Response of the Digital Integrator and
Phase Compensator
–
FREQUENCY (Hz)
1.0
–6.0
–1.5
–2.0
–2.5
–3.5
–4.5
–5.5
–3.0
–4.0
–5.0
40
70
45
50
55
60
65
Figure 49. Combined Gain Response of the Digital Integrator and
Phase Compensator (40 Hz to 70 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com