Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 56 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 56 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 55Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 57Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 58Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 59Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 56 of 148
Figure 62 shows this energy accumulation for full-scale signals
(sinusoidal) on the analog inputs. The three displayed curves
illustrate the minimum period of time it takes the energy register
to roll over when the active power gain register contents are
0x7FF, 0x000, and 0x800. The watt gain register is used to carry
out power calibration in the ADE5166/ADE5169. As shown, the
fastest integration time occurs when the watt gain register is set to
maximum full scale, that is, 0x7FF.
0x00,0000
0x7F,FFFF
0x3F,FFFF
0x40,0000
WATTHR[23:0]
6.82
3.41
10.2
13.7
TIME (Minutes)
WGAIN = 0x7FF
WGAIN = 0x000
WGAIN = 0x800
0x80,0000
Figure 62. Energy Register Rollover Time for Full-Scale Power
(Minimum and Maximum Power Gain)
Note that the energy register contents roll over to full-scale negative
(0x800000) and continue to increase in value when the power or
energy flow is positive (see Figure 62). Conversely, if the power is
negative, the energy register underflows to full-scale positive
(0x7FFFFF) and continues to decrease in value.
Using the interrupt enable register (MIRQENM, Address 0xDA),
the ADE5166/ADE5169 can be configured to issue an ADE
interrupt to the 8052 core when the active energy register is half
full (positive or negative) or when an overflow or underflow
occurs.
Integration Time Under Steady Load: Active Energy
As mentioned in the Active Energy Calculation section, the
discrete time sample period (T) for the accumulation register
is 1.22 μs (5/MCLK). With full-scale sinusoidal signals on the
analog inputs and the WGAIN register (Address 0x1D) set to
0x000, the average word value from each LPF2 is 0xCCCCD
(see Figure 59). The maximum positive value that can be stored in
the internal 49-bit register is 248 (or 0xFFFF,FFFF,FFFF) before it
overflows. The integration time under these conditions when
WDIV = 0 is calculated in the following equation:
Time =
min
82
.
6
sec
6
.
409
μs
22
.
1
xCCCCD
0
FFFF
FFFF,
xFFFF,
0
=
=
×
(14)
When WDIV is set to a value other than 0, the integration time
varies, as shown in Equation 15.
Time
= TimeWDIV = 0 × WDIV
(15)
Active Energy Accumulation Modes
Watt-Signed Accumulation Mode
The ADE5166/ADE5169 active energy default accumulation
mode is a watt-signed accumulation based on the active power
information.
Watt Positive-Only Accumulation Mode
The ADE5166/ADE5169 are placed in watt positive-only accumu-
lation mode by setting the POAM bit (Bit 1) in the ACCMODE
register (Address 0x0F). In this mode, the energy accumulation
is done only for positive power, ignoring any occurrence of
negative power above or below the no load threshold (see
Figure 63). The CF pulse also reflects this accumulation method
when in this mode. The default setting for this mode is off.
Detection of the transitions in the direction of power flow and
detection of no load threshold are active in this mode.
POS
POS
INTERRUPT STATUS REGISTERS
NEG
APSIGN FLAG
NO LOAD
THRESHOLD
ACTIVE POWER
NO LOAD
THRESHOLD
ACTIVE ENERGY
Figure 63. Energy Accumulation in Positive-Only Accumulation Mode
Watt-Absolute Accumulation Mode
The ADE5166/ADE5169 are placed in watt-absolute accumulation
mode by setting the ABSAM bit (Bit 0) in the ACCMODE register
(Address 0x0F). In this mode, the energy accumulation is done
using the absolute active power, ignoring any occurrence of power
below the no load threshold (see Figure 64). The CF pulse also
reflects this accumulation method when in this mode. The default
setting for this mode is off. Detection of the transitions in the
direction of power flow and detection of no load threshold are
active in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com