Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 66 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 66 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 62Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 63Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 64Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 65Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 66Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 67Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 68Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 69Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 66 of 148
ENERGY-TO-FREQUENCY CONVERSION
The ADE5166/ADE5169 also provide two energy-to-frequency
conversions for calibration purposes. After initial calibration at
manufacturing, the manufacturer or end customer often verifies
the energy meter calibration. One convenient way to do this is for
the manufacturer to provide an output frequency that is propor-
tional to the active power, reactive power, apparent power, or Irms
under steady load conditions. This output frequency can provide
a simple single-wire, optically isolated interface to external
calibration equipment. Figure 74 illustrates the energy-to-
frequency conversion in the ADE5166/ADE5169.
VAR*
*AVAILABLE ONLY IN THE ADE5569 AND ADE5169.
VA
CFxSEL[1:0]
WATT
VARMSCFCON
MODE2 REGISTER 0x0C
Irms
CFx PULSE
OUTPUT
CFxNUM
CFxDEN
÷
DFC
Figure 74. Energy-to-Frequency Conversion
Two digital-to-frequency converters (DFC) are used to generate
the pulsed outputs. When WDIV = 0 or 1, the DFC generates a
pulse each time 1 LSB in the energy register is accumulated. An
output pulse is generated when a CFxNUM/CFxDEN number of
pulses are generated at the DFC output. Under steady load con-
ditions, the output frequency is proportional to the active power,
reactive power, apparent power, or Irms, depending on the
CFxSEL bits in the MODE2 register (Address 0x0C).
Both pulse outputs can be enabled or disabled by clearing or
setting the DISCF1 bit (Bit 1) and the DISCF2 bit (Bit 2) in the
MODE1 register (Address 0x0B), respectively.
Both pulse outputs set separate flags in the Interrupt Status 2 SFR
(MIRQSTM, Address 0xDD), CF1 (Bit 6) and CF2 (Bit 7). If the
CF1 enable bit (Bit 6) and CF2 enable bit (Bit 7) in the Interrupt
Enable 2 SFR (MIRQENM, Address 0xDA) are set, the 8052 core
has a pending ADE interrupt. The ADE interrupt stays active
until the CF1 or CF2 status bit is cleared (see the Energy
Measurement Interrupts section).
Pulse Output Configuration
The two pulse output circuits have separate configuration bits
in the MODE2 register (Address 0x0C). Setting the CFxSEL bits
to 0b00, 0b01, or 0b1x configures the DFC to create a pulse
output proportional to active power, reactive power, or apparent
power, or Irms, respectively.
The selection between Irms and apparent power is done by
the VARMSCFCON bit in the MODE2 register (Address 0x0C).
With this selection, CF2 cannot be proportional to apparent
power if CF1 is proportional to Irms, and CF1 cannot be propor-
tional to apparent power if CF2 is proportional to Irms.
Pulse Output Characteristic
The pulse output for both DFCs stays low for 90 ms if the pulse
period is longer than 180 ms (5.56 Hz). If the pulse period is
shorter than 180 ms, the duty cycle of the pulse output is 50%.
The pulse output is active low and should preferably be connected
to an LED, as shown in Figure 75.
VDD
CF
Figure 75. CF Pulse Output
The maximum output frequency with ac input signals at
full scale and CFxNUM = 0x00 and CFxDEN = 0x00 is
approximately 21.1 kHz.
The ADE5166/ADE5169 incorporate two registers per DFC,
CFxNUM[15:0] and CFxDEN[15:0], to set the CFx frequency.
These are unsigned 16-bit registers that can be used to adjust
the CFx frequency to a wide range of values. These frequency
scaling registers are 16-bit registers that can scale the output
frequency by 1/216 to 1 with a step of 1/216.
If 0 is written to any of these registers, 1 is applied to the register.
The ratio of CFxNUM/CFxDEN should be less than 1 to ensure
proper operation. If the ratio of the CFxNUM/CFxDEN registers
is greater than 1, the register values are adjusted to a ratio of 1.
For example, if the output frequency is 1.562 kHz, and the content
of CFxDEN is 0 (0x000), the output frequency can be set to 6.1 Hz
by writing 0xFF to the CFxDEN register.
ENERGY REGISTER SCALING
The ADE5166/ADE5169 provide measurements of active, reactive,
and apparent energies that use separate paths and filtering for cal-
culation. The difference in data paths can result in small differences
in LSB weight between active, reactive, and apparent energy
registers. These measurements are internally compensated so that
the scaling is nearly one to one. The relationship between these
registers is shown in Table 47.
Table 47. Energy Registers Scaling
Line Frequency = 50 Hz
Line Frequency = 60 Hz
Integrator
Var = 0.9952 × watt
Var = 0.9949 × watt
Off
VA = 0.9978 × watt
VA = 1.0015 × watt
Off
Var = 0.9997 × watt
Var = 0.9999 × watt
On
VA = 0.9977 × watt
VA = 1.0015 × watt
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com