Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 35 of 148
ENERGY MEASUREMENT
The ADE5166/ADE5169 offer a fixed function, energy measure-
ment, digital processing core that provides all the information
needed to measure energy in single-phase energy meters. The
part provides two ways to access the energy measurements:
direct access through SFRs for time sensitive information and
indirect access through address and data SFRs for the majority
of energy measurements. The Irms, Vrms, interrupts, and waveform
registers are readily available through the SFRs, as shown in
Table 30. Other energy measurement information is mapped
to a page of memory that is accessed indirectly through the
MADDPT, MDATL, MDATM, and MDATH SFRs. The address
and data SFRs act as pointers to the energy measurement
internal registers.
ACCESS TO ENERGY MEASUREMENT SFRs
Access to the energy measurement SFRs is achieved by reading
or writing to the SFR addresses detailed in Table 30. The internal
data for the MIRQx SFRs is latched byte by byte into the SFR
when the SFR is read.
The WAV1x, WAV2x, VRMSx, and IRMSx registers are all 3-byte
SFRs. The 24-bit data is latched into these SFRs when the high
byte is read. Reading the low or medium byte before the high
byte results in reading the data from the previous latched sample.
Sample code to read the VRMSx register is as follows:
MOV
R1, VRMSH
//latches data in VRMSH,
VRMSM, and VRMSL SFRs
MOV
R2, VRMSM
MOV
R3, VRMSL
ACCESS TO INTERNAL ENERGY MEASUREMENT
REGISTERS
Access to the internal energy measurement registers is achieved
by writing to the energy measurement pointer address SFR
(MADDPT, Address 0x91). This SFR selects the energy measure-
ment register to be accessed and determines if a read or a write
is performed (see Table 29).
Table 29. Energy Measurement Pointer Address SFR
(MADDPT, Address 0x91)
Bit
Description
7
1 = write, 0 = read
[6:0]
Energy measurement internal register address
Writing to the Internal Energy Measurement Registers
When Bit 7 of the energy measurement pointer address SFR
(MADDPT, Address 0x91) is set, the content of the MDATx
SFRs (MDATL, MDATM, and MDATH) is transferred to the
internal energy measurement register designated by the address
in the MADDPT SFR. If the internal register is one byte long,
only the MDATL SFR content is copied to the internal register,
while the MDATM SFR and MDATH SFR contents are ignored.
The energy measurement core functions with an internal clock of
4.096 MHz∕5 or 819.2 kHz. Because the 8052 core functions with
another clock, 4.096MHz∕2CD, synchronization between the two
clock environments when CD = 0 or 1 is an issue. When data is
written to the internal energy measurement registers, a small
wait period needs to be implemented before another read or
write to these registers can take place.
Sample code to write 0x0155 to the 2-byte SAGLVL register
located at 0x14 in the energy measurement memory space is as
follows:
MOV
MDATM,#01h
MOV
MDATL,#55h
MOV
MADDPT,#SAGLVL_W (Address 0x94)
MOV
A,#05h
DJNZ
ACC,$
;Next write or read to energy
measurement SFR can be done after
this.
Reading the Internal Energy Measurement Registers
When Bit 7 of energy measurement pointer address SFR
(MADDPT, Address 0x91) is cleared, the content of the internal
energy measurement register designated by the address in
MADDPT is transferred to the MDATx SFRs. If the internal
register is one byte long, only the MDATL SFR content is updated
with a new value, and the MDATM SFR and MDATH SFR
contents are reset to 0x00.
The energy measurement core functions with an internal clock
of 4.096 MHz∕5 or 819.2 kHz. Because the 8052 core functions
with another clock, 4.096MHz∕2CD, synchronization between the
two clock environments when CD = 0 or 1 is an issue. When data
is read from the internal energy measurement registers, a small
wait period needs to be implemented before the MDATx SFRs
are transferred to another SFR.
Sample code to read the peak voltage in the 2-byte VPKLVL
register located at 0x16 into the data pointer is as follows:
MOV
MADDPT,#VPKLVL_R (Address 0x16)
MOV
A,#05h
DJNZ
ACC,$
MOV
DPH,MDATM
MOV
DPL,MDATL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com