Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 38 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 38 of 148
Address
MADDPT[6:0]
Mnemonic
R/W
Length
(Bits)
Signed/
Unsigned
Default
Description
0x29
CF2NUM
R/W
16
U
0
Sets CF2 numerator register.
0x2A
CF2DEN
R/W
16
U
0x003F
Sets CF2 denominator register.
0x2B
MODE3
R/W
8
U
0
Enables zero crossing outputs (see Table 38).
0x3B
Reserved
0
This register must be set to its default value for proper operation.
0x3C
Reserved
0x0300
This register must be set to its default value for proper operation.
0x3D
CALMODE
R/W
8
U
0
Sets calibration mode (see Table 39).
0x3E
Reserved
0
This register must be set to its default value for proper operation.
0x3F
Reserved
0
This register must be set to its default value for proper operation.
1 This function is not available in the ADE5166.
ENERGY MEASUREMENT INTERNAL REGISTER DETAILS
Table 32. Mode 1 Register (MODE1, Address 0x0B)
Bit
Mnemonic
Default
Description
7
SWRST
0
Setting this bit resets all of the energy measurement registers to their default values.
6
DISZXLPF
0
Setting this bit disables the zero-crossing low-pass filter.
5
INTE
0
Setting this bit enables the digital integrator for use with a di/dt sensor.
4
SWAPBITS
0
Setting this bit swaps CH1 ADC and CH2 ADC.
3
PWRDN
0
Setting this bit powers down voltage and current ADCs.
2
DISCF2
1
Setting this bit disables Frequency Output CF2.
1
DISCF1
1
Setting this bit disables Frequency Output CF1.
0
DISHPF
0
Setting this bit disables the HPFs in voltage and current channels.
Table 33. Mode 2 Register (MODE2, Address 0x0C)
Bit
Mnemonic
Default
Description
[7:6]
CF2SEL
01
Configuration bits for CF2 output.
CF2SEL
Result
00
CF2 frequency is proportional to active power.
01
CF2 frequency is proportional to reactive power.1
1X
CF2 frequency is proportional to apparent power or Irms.
[5:4]
CF1SEL
00
Configuration bits for CF1 output.
CF1SEL
Result
00
CF1 frequency is proportional to active power.
01
CF1 frequency is proportional to reactive power.1
1X
CF1 frequency is proportional to apparent power or Irms.
3
VARMSCFCON
0
Configuration bits for apparent power or Irms for CF1, CF2 outputs, and VA accumulation registers
(VAHR, RVAHR, and LVAHR). Note that CF1 cannot be proportional to VA if CF2 is proportional to
Irms and vice versa.
VARMSCFCON
Result
0
If CF1SEL[1:0] = 1X, CF1 is proportional to VA
If CF2SEL[1:0] = 1X, CF2 is proportional to VA
1
If CF1SEL[1:0] = 1X, CF1 is proportional to Irms
If CF2SEL[1:0] = 1X, CF2 is proportional to Irms
2
ZXRMS
0
Logic 1 enables update of rms values synchronously to Voltage ZX.
1
FREQSEL
0
Configuration bits to select period or frequency measurement for PER_FREQ register
(Address 0x0A).
FREQSEL
Result
0
PER_FREQ register holds a period measurement
1
PER_FREQ register holds a frequency measurement
0
WAVEN
0
When this bit is set, waveform sampling mode is enabled.
1 This function is not available in the ADE5166.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com