Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 12 of 148
Table 9. SPI Slave Mode Timing (SPICPHA = 1) Parameters
Parameter
Description
Min
Typ
Max
Unit
t
SS
SS to SCLK edge
145
ns
tSL
SCLK low pulse width
6 × tCORE1
ns
tSH
SCLK high pulse width
6 × tCORE1
ns
tDAV
Data output valid after SCLK edge
25
ns
tDSU
Data input setup time before SCLK edge
0
ns
tDHD
Data input hold time after SCLK edge
2 × tCORE1 + 0.5 μs
μs
tDF
Data output fall time
19
ns
tDR
Data output rise time
19
ns
tSR
SCLK rise time
19
ns
tSF
SCLK fall time
19
ns
tSFS
SS high after SCLK edge
0
ns
1 tCORE depends on the clock divider or CD[2:0] bits of the POWCON SFR, Address 0xC5 (see Table 25); tCORE = 2CD/4.096 MHz.
MSB
MOSI
BITS [6:1]
tDHD
tDSU
MSB IN
LSB IN
BITS [6:1]
LSB
tDR
tDF
tDAV
MISO
tSL
tSS
SCLK
(SPICPOL = 1)
SCLK
(SPICPOL = 0)
SS
tSFS
tSH
tSR
tSF
Figure 6. SPI Slave Mode Timing (SPICPHA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com