Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 69 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 69 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 65Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 66Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 67Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 68Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 69Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 70Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 71Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 72Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 69 of 148
Table 50. Temperature and Supply Delta SFR (DIFFPROG, Address 0xF3)
Bit
Mnemonic
Default
Description
[7:6]
Reserved
0
Reserved.
[5:3]
TEMP_DIFF
0
Difference threshold between last temperature measurement interrupting 8052 and new
temperature measurement that should interrupt 8052.
TEMP_DIFF
Result
000
No interrupt
001
1 LSB (≈ 0.8°C)
010
2 LSB (≈ 1.6°C)
011
3 LSB (≈ 2.4°C)
100
4 LSB (≈ 3.2°C)
101
5 LSB (≈ 4°C)
110
6 LSB (≈ 4.8°C)
111
Every temperature measurement
[2:0]
VDCIN_DIFF
0
Difference threshold between last external voltage measurement interrupting 8052 and new
external measurement that should interrupt 8052.
VDCIN_DIFF
Result
000
No interrupt
001
1 LSB (≈ 120 mV)
010
2 LSB (≈ 240 mV)
011
3 LSB (≈ 360 mV)
100
4 LSB (≈ 480 mV)
101
5 LSB (≈ 600 mV)
110
6 LSB (≈ 720 mV)
111
Every VDCIN measurement
Table 51. Start ADC Measurement SFR (ADCGO, Address 0xD8)
Bit
Bit Address
Mnemonic
Default
Description
7
0xDF
PLLACK
0
Set this bit to clear the PLL fault bit, PLL_FLT, in the PERIPH register (Address 0xF4).
A PLL fault is generated if a reset is caused because the PLL lost lock.
[6:3]
0xDE to 0xDB
Reserved
0
Reserved.
2
0xDA
VDCIN_ADC_GO
0
Set this bit to initiate an external voltage measurement. This bit is cleared when
the measurement request is received by the ADC.
1
0xD9
TEMP_ADC_GO
0
Set this bit to initiate a temperature measurement. This bit is cleared when the
measurement request is received by the ADC.
0
0xD8
BATT_ADC_GO
0
Set this bit to initiate a battery measurement. This bit is cleared when the
measurement request is received by the ADC.
Table 52. Battery Detection Threshold SFR (BATVTH, Address 0xFA)
Bit
Mnemonic
Default
Description
[7:0]
BATVTH
0
The battery ADC value is compared to this register, the battery threshold register. If BATADC
is lower than the threshold, an interrupt is generated.
Table 53. VDCIN ADC Value SFR (VDCINADC, Address 0xEF)
Bit
Mnemonic
Default
Description
[7:0]
VDCINADC
0
The VDCINADC value in this register is updated when an ADC interrupt occurs.
Table 54. Battery ADC Value SFR (BATADC, Address 0xDF)
Bit
Mnemonic
Default
Description
[7:0]
BATADC
0
The battery ADC value in this register is updated when an ADC interrupt occurs.
Table 55. Temperature ADC Value SFR (TEMPADC, Address 0xD7)
Bit
Mnemonic
Default
Description
[7:0]
TEMPADC
0
The temperature ADC value in this register is updated when an ADC interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com