Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 99 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 99 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 95Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 96Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 97Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 98Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 99Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 100Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 101Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 102Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 99 of 148
FLASH MEMORY
FLASH MEMORY OVERVIEW
Flash memory is a type of nonvolatile memory that is in-circuit
programmable. The default, erased state of a byte of flash memory
is 0xFF. When a byte of flash memory is programmed, the required
bits change from 1 to 0. The flash memory must be erased to turn
the 0s back to 1s. A byte of flash memory cannot, however, be
erased individually. The entire segment, or page, of flash
memory that contains the byte must be erased.
The ADE5166/ADE5169 provide 62 bytes of flash program/
information memory. This memory is segmented into 124 pages
that each contain 512 bytes. To reprogram one byte of flash
memory, the 511 other bytes in that page must be erased. The
flash memory can be erased by page or all at once in a mass erase.
There is a command to verify that a flash write operation has
completed successfully. The ADE5166/ADE5169 flash memory
controller also offers configurable flash memory protection.
The 62 bytes of flash memory are provided on-chip to facilitate
code execution without any external discrete ROM device require-
ments. The program memory can be programmed in-circuit,
using the serial download mode provided or using conventional
third party memory programmers.
Flash/EE Memory Reliability
The flash memory arrays on the ADE5166/ADE5169 are fully
qualified for two key Flash/EE memory characteristics:
Flash/EE memory cycling endurance and Flash/EE memory
data retention.
Endurance quantifies the ability of the Flash/EE memory to be
cycled through many program, read, and erase cycles. In real
terms, a single endurance cycle is composed of four independent,
sequential events, as follows:
1.
Initial page erase sequence
2.
Read/verify sequence
3.
Byte program sequence
4.
Second read/verify sequence
In reliability qualification, every byte in both the program and
data Flash/EE memory is cycled from 0x00 to 0xFF until a first
fail is recorded, signifying the endurance limit of the on-chip
Flash/EE memory.
As indicated in Table 4, the ADE5166/ADE5169 flash memory
endurance qualification has been carried out in accordance with
JEDEC Standard 22 Method A117 over the industrial temperature
range of −40°C, +25°C, and +85°C. The results allow the specifica-
tion of a minimum endurance figure over supply and temperature
of 100,000 cycles, with a minimum endurance figure of 20,000
cycles of operation at 25°C.
Retention is the ability of the flash memory to retain its
programmed data over time. Again, the parts have been
qualified in accordance with the formal retention lifetime
specification, JEDEC Standard 22 Method A117, at a specific
junction temperature (TJ = 55°C). As part of this qualification
procedure, the flash memory is cycled to its specified endurance
limit, as described previously, before data retention is charac-
terized. This means that the flash memory is guaranteed to retain
its data for its full specified retention lifetime every time the
flash memory is reprogrammed. It should also be noted that
retention lifetime, based on an activation energy of 0.6 eV,
derates with TJ, as shown in Figure 87.
40
60
70
90
TJ JUNCTION TEMPERATURE (°C)
250
200
150
100
50
0
50
80
110
300
100
ANALOG DEVICES
SPECIFICATION
100 YEARS MIN.
AT TJ = 55°C
Figure 87. Flash/EE Memory Data Retention
FLASH MEMORY ORGANIZATION
The ADE5166/ADE5169 contain a 64 kB array of Flash/EE
program memory. The upper 2 kB contain permanently embedded
firmware, allowing in-circuit serial download, serial debug, and
nonintrusive single-pin emulation. The 2 kB of embedded firm-
ware also contains essential coefficients that provide calibration
to peripherals such as the ADCs and reference. The embedded
firmware contained in the upper 2 kB of Flash/EE memory is
not accessible by the user.
EMBEDDED DOWNLOAD/DEBUG KERNEL
PERMANENTLY EMBEDDED FIRMWARE ALLOWS
CODE TO BE DOWNLOADED TO ANY OF THE
62 kB OF ON-CHIP PROGRAM MEMORY.
THE KERNEL PROGRAM APPEARS AS NOP
INSTRUCTIONS TO USER CODE.
62 kB OF FLASH/EE PROGRAM MEMORY
ARE AVAILABLE TO THE USER. ALL OF THIS
SPACE CAN BE PROGRAMMED FROM THE
PERMANENTLY EMBEDDED DOWNLOAD/DEBUG
KERNEL OR IN PARALLEL PROGRAMMING MODE.
USER PROGRAM MEMORY
0×FFFF
2kB
0×F800
0×F7FF
62kB
0×0000
Figure 88. Flash Memory Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com