Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 44 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 44 of 148
Antialiasing Filter
Figure 41 also shows an analog LPF (RC) on the input to the
modulator. This filter is present to prevent aliasing, an artifact
of all sampled systems. Aliasing means that frequency components
in the input signal to the ADC, which are higher than half the
sampling rate of the ADC, appear in the sampled signal at a fre-
quency below half the sampling rate. Figure 42 illustrates the effect.
Frequency components (the black arrows) above half the sampling
frequency (also known as the Nyquist frequency, that is, 409.6 kHz)
are imaged or folded back down below 409.6 kHz. This happens
with all ADCs, regardless of the architecture. In Figure 42, only
frequencies near the sampling frequency (819.2 kHz) move into
the band of interest for metering (40 Hz to 2 kHz). This allows
the use of a very simple LPF to attenuate high frequency (at
approximately 819.2 kHz) noise and prevents distortion in the
band of interest.
409.6
0
819.2
2
FREQUENCY (kHz)
SAMPLING
FREQUENCY
ALIASING EFFECTS
IMAGE
FREQUENCIES
Figure 42. ADC and Signal Processing in Current Channel Outline Dimensions
For conventional current sensors, a simple RC filter (single-pole
LPF) with a corner frequency of 10 kHz produces an attenuation
of approximately 40 dB at 819.2 kHz (see Figure 42). The 20 dB
per decade attenuation is usually sufficient to eliminate the effects
of aliasing for conventional current sensors. However, for a di/dt
sensor such as a Rogowski coil, the sensor has a 20 dB per decade
gain. This neutralizes the −20 dB per decade attenuation produced
by one simple LPF. Therefore, when using a di/dt sensor, care
should be taken to offset the 20 dB per decade gain. One simple
approach is to cascade two RC filters to produce the −40 dB per
decade attenuation needed.
ADC Transfer Function
Both ADCs in the ADE5166/ADE5169 are designed to produce
the same output code for the same input signal level. With a
full-scale signal on the input of 0.5 V and an internal reference
of 1.2 V, the ADC output code is nominally 2,147,483 or 0x20C49B.
The maximum code from the ADC is ±4,194,304; this is equiva-
lent to an input signal level of ±0.794 V. However, for specified
performance, it is recommended that the full-scale input signal
level of 0.5 V not be exceeded.
Current Channel ADC
Figure 43 shows the ADC and signal processing chain for the
current channel. In waveform sampling mode, the ADC outputs
a signed, twos complement, 24-bit data-word at a maximum of
25.6 kSPS (4.096 MHz/160).
×1, ×2, ×4,
×8, ×16
ADC
IPA
IN
PGA1
I
{GAIN[2:0]}
HPF
ADC
IBP
PGA1
HPF
IBGAIN[11:0]
ADC
DFC
MULTIPLIER
INTEGRATOR
WATTOS[15:0]
VAGAIN[11:0]
VADIV[7:0]
IRMSOS[11:0]
VRMSOS[11:0]
WGAIN[11:0]
dt
METERING SFRs
VN
VP
PGA2
CF1
WDIV[7:0]
%
%
Ф
π
2
VARDIV[7:0]
%
VAROS[15:0]
VARGAIN[11:0]
DFC
CF2NUM[15:0]
CF2DEN[15:0]
CF1DEN[15:0]
CF1NUM[15:0]
CF2
HPF
LPF
LPF
LPF2
LPF2
x2
x2
Figure 43. ADC and Signal Processing in Current Channel with PGA1 = 2, 4, 8, or 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com