Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 33 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 33 of 148
3.3 V PERIPHERALS AND WAKE-UP EVENTS
Some of the 3.3 V peripherals are capable of waking the ADE5166/
ADE5169 from PSM2 mode. The events that can cause the
ADE5166/ADE5169 to wake up from PSM2 mode are listed
in the Wake-Up Event column in Table 28. The interrupt flag
associated with these events must be cleared prior to executing
instructions that put the ADE5166/ADE5169 in PSM2 mode
after wake-up.
Table 28. 3.3 V Peripherals and Wake-Up Events
3.3 V
Peripheral
Wake-Up
Event
Wake-Up
Enable Bits
Flag
Interrupt
Vector
Comments
Temperature
ADC
∆T
Maskable
The temperature ADC can wake up the ADE5166/ADE5169.
A pending interrupt is generated according to the description
in the Temperature Measurement section. This wake-up event
can be disabled by disabling temperature measurements in the
temperature and supply delta SFR (DIFFPROG, Address 0xF3)
in PSM2 mode. The temperature interrupt needs to be
serviced and acknowledged prior to entering PSM2 mode.
VDCIN ADC
ΔV
Maskable
FVADC
IPSM
The VDCIN measurement can wake up the ADE5166/ADE5169.
FVADC is set according to the description in the External
Voltage Measurement section. This wake-up event can be
disabled by clearing EVADC in the power management
interrupt enable SFR (IPSME, Address 0xEC); see Table 20. The
FVADC flag needs to be cleared prior to entering PSM2 mode.
Power Supply
Management
PSR
Nonmaskable
PSR
IPSM
The ADE5166/ADE5169 wake up if the power supply is restored
(if VSWOUT switches to be connected to VDD). The VSWSOURCE
flag, Bit 6 of the peripheral configuration SFR (PERIPH,
Address 0xF4), is set to indicate that VSWOUT is connected to VDD.
RTC
Interval
Maskable
ITFLAG
IRTC
The ADE5166/ADE5169 wake up after the programmable
time interval has elapsed. The RTC interrupt needs to be
serviced and acknowledged prior to entering PSM2 mode.
Alarm
Maskable
Alarm
IRTC
An alarm can be set to wake the ADE5166/ADE5169 after the
desired amount of time. The RTC alarm is enabled by setting
the ALxx_EN bits in the RTC Configuration 2 SFR (TIMECON2,
Address 0xA2). The RTC interrupt needs to be serviced and
acknowledged prior to entering PSM2 mode.
I/O Ports1
INT0
INT0PRG = 1
IE0
The edge of the interrupt is selected by the IT0 bit in the TCON
SFR (TCON, Address 0x88). The IE0 flag bit in the TCON SFR is
not affected. The Interrupt 0 interrupt needs to be serviced
and acknowledged prior to entering PSM2 mode.
INT1
INT1PRG = 11x
IE1
The edge of the interrupt is selected by the IT1 bit in the TCON
SFR (TCON, Address 0x88). The IE1 flag bit in the TCON SFR is
not affected. The Interrupt 1 interrupt needs to be serviced
and acknowledged prior to entering PSM2 mode.
Rx2 Edge
RXPROG[1:0] = 11
PERIPH[7]
(RX2FG)
An Rx edge event occurs if a rising or falling edge is detected
on the RxD2 line. The UART2 RxD flag needs to be cleared
prior to entering PSM2 mode.
External Reset
RESET
Nonmaskable
If the RESET pin is brought low while the ADE5166/ADE5169
are in PSM2 mode, they wake up to PSM1 mode.
LCD
The LCD can be enabled/disabled in PSM2 mode. The LCD
data memory remains intact.
Scratch Pad
The four SCRATCHx registers remain intact in PSM2 mode.
1 All I/O pins are treated as inputs. The weak pull-up on each I/O pin can be disabled individually in the Port 0 weak pull-up enable SFR (PINMAP0, Address 0xB2), Port 1
weak pull-up enable SFR (PINMAP1, Address 0xB3), and Port 2 weak pull-up enable SFR (PINMAP2, Address 0xB4) to decrease current consumption. The interrupts can
be enabled or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com