Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 42 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 42 of 148
Table 43. Interrupt Enable 1 SFR (MIRQENL, Address 0xD9)
Bit
Interrupt Enable Bit
Description
7 to 6
Reserved
Reserved.
5
FAULTSIGN
When this bit is set to Logic 1, the FAULTSIGN bit set creates a pending ADE interrupt to the 8052 core.
4
VARSIGN1
When this bit is set to Logic 1, the VARSIGN flag set creates a pending ADE interrupt to the 8052 core.
3
APSIGN
When this bit is set to Logic 1, the APSIGN flag set creates a pending ADE interrupt to the 8052 core.
2
VANOLOAD
When this bit is set to Logic 1, the VANOLOAD flag set creates a pending ADE interrupt to the 8052 core.
1
RNOLOAD1
When this bit is set to Logic 1, the RNOLOAD flag set creates a pending ADE interrupt to the 8052 core.
0
APNOLOAD
When this bit is set to Logic 1, the APNOLOAD flag set creates a pending ADE interrupt to the 8052 core.
1 This function is not available in the ADE5166.
Table 44. Interrupt Enable 2 SFR (MIRQENM, Address 0xDA)
Bit
Interrupt Enable Bit
Description
7
CF2
When this bit is set to Logic 1, a CF2 pulse creates a pending ADE interrupt to the 8052 core.
6
CF1
When this bit is set to Logic 1, a CF1 pulse creates a pending ADE interrupt to the 8052 core.
5
VAEOF
When this bit is set to Logic 1, the VAEOF flag set creates a pending ADE interrupt to the 8052 core.
4
REOF1
When this bit is set to Logic 1, the REOF flag set creates a pending ADE interrupt to the 8052 core.
3
AEOF
When this bit is set to Logic 1, the AEOF flag set creates a pending ADE interrupt to the 8052 core.
2
VAEHF
When this bit is set to Logic 1, the VAEHF flag set creates a pending ADE interrupt to the 8052 core.
1
REHF1
When this bit is set to Logic 1, the REHF flag set creates a pending ADE interrupt to the 8052 core.
0
AEHF
When this bit is set to Logic 1, the AEHF flag set creates a pending ADE interrupt to the 8052 core.
1 This function is not available in the ADE5166.
Table 45. Interrupt Enable 3 SFR (MIRQENH, Address 0xDB)
Bit
Interrupt Enable Bit
Description
[7:6]
Reserved
Reserved.
5
WFSM
When this bit is set to Logic 1, the WFSM flag set creates a pending ADE interrupt to the 8052 core.
4
PKI
When this bit is set to Logic 1, the PKI flag set creates a pending ADE interrupt to the 8052 core.
3
PKV
When this bit is set to Logic 1, the PKV flag set creates a pending ADE interrupt to the 8052 core.
2
CYCEND
When this bit is set to Logic 1, the CYCEND flag set creates a pending ADE interrupt to the 8052 core.
1
ZXTO
When this bit is set to Logic 1, the ZXTO flag set creates a pending ADE interrupt to the 8052 core.
0
ZX
When this bit is set to Logic 1, the ZX flag set creates a pending ADE interrupt to the 8052 core.
ANALOG INPUTS
Each ADE5166/ADE5169 has two fully differential voltage input
channels. The maximum differential input voltage for the
VP/VN, and IPB/IN input pairs is ±0.5 V.
Each analog input channel has a programmable gain amplifier
(PGA) with possible gain selections of 1, 2, 4, 8, and 16. The gain
selections are made by writing to the GAIN register (see Table 37
and Figure 38).
0
000
000
0
7
654
32
10
GAIN REGISTER*
CURRENT AND VOLTAGE CHANNELS PGA CONTROL
PGA2 GAIN SELECT
000 = ×1
001 = ×2
010 = ×4
011 = ×8
100 = ×16
PGA1 GAIN SELECT
000 = ×1
001 = ×2
010 = ×4
011 = ×8
100 = ×16
RESERVED
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS.
ADDR:
0x1B
CFSIGN_OPT
Figure 38. Analog Gain Register
Bit 2 to Bit 0 select the gain for the PGA in the current channel,
and Bit 7 to Bit 5 select the gain for the PGA in the voltage
channel. Figure 39 shows how a gain selection for the current
channel is made using the gain register.
K × VIN
IP
IN
0
000
0000
7654
3210
GAIN[7:0]
GAIN (K)
SELECTION
VIN
Figure 39. PGA in Current Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com