Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 104 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 104 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 100Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 101Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 102Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 103Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 104Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 105Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 106Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 107Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
ADE5166/ADE5169
MOV ECON, #08H
;issue protection
command
Note that after the PROTKY has been activated by a reset, any
further changes to the protection require the new 8-bit protection
key to be written to the PROTKY SFR prior to issuing the ECON
command. The PROTKY SFR is cleared automatically when the
ECON 0x8 command is issued and, therefore, the user must
ensure that the correct value is written to the PROTKY SFR
each time the protection scheme is changed.
;enable write/erase protection on last page
(this is required for any protection to be
activated)
MOV EDATA, #0F7H
; clear bit WP123
MOV EADRL, #0FFH
; write address to F7FFh
MOV FLSHKY, #3BH
; enable flash access
The most significant bit of 0xF7FF is used to enable the lock
mechanism for the watchdog (see the Watchdog Timer section
for more information).
MOV ECON, #08H
;issue protection
command
;set up PROTKY to A3h
The following code provides an example of how the write/erase
protection can be enabled on the first page and the PROTKY set
to 0xA3. Note that to active the following protection, the part
requires a reset.
MOV EDATA, #0A3H
; set PROTKY to A3h
MOV EADRL, #0EBH
; write address to F7EBh
MOV FLSHKY, #3BH
; enable flash access
; enable write/erase protection on the first
page only
MOV ECON, #08H
; issue protection
command
MOV EDATA, #0FEH
; clear bit WP 0
Note that after the PROTKY is changed to 0xA3, as shown in
the preceding example code, all future modifications of the pro-
tection scheme require that the PROTKY SFR to be set to 0xA3
prior to issuing the ECON protection command.
MOV EADRL, #0F0H
; write address to F7F0h
MOV FLSHKY, #3BH
; enable flash access
0xF7EF
0xF7FF
WDOG
LOCK
WP
123
WP
122
WP
121
WP
120
Rev. 0 | Page 104 of 148
PROTKY
0xF600
0xF7EB
WP
115
WP
114
WP
113
WP
112
WP
119
WP
118
WP
117
WP
116
WP
111
WP
110
WP
109
WP
108
WP
107
WP
106
WP
105
WP
104
WP
15
WP
14
WP
13
WP
12
WP
11
WP
10
WP
9
WP
8
WP
3
WP
2
WP
1
WP
0
WP
7
WP
6
WP
5
WP
4
RP
120–123
RP
116–119
RP
112–115
RP
108–111
RP
104–107
RP
100–103
RP
96–99
RP
92–95
RP
88–91
RP
84–87
RP
80–83
RP
76–79
RP
72–75
RP
68–71
RP
64–67
RP
60–63
RP
56–59
RP
52–55
RP
48–51
RP
44–47
RP
40–43
RP
36–39
RP
32–35
RP
0–3
RP
4–7
RP
8–11
RP
12–15
RP
16–19
RP
20–23
RP
24–27
RP
28–31
PROTECTION KEY
Figure 91. Flash Protection in Page124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com