Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 128 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 128 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 124Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 125Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 126Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 127Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 128Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 129Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 130Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 131Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 132Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 128 of 148
Bit
Mnemonic
Default
Description
[2:0]
DIV2
0
Binary divider.
DIV2
Result
000
Divide by 1 (see Table 144)
001
Divide by 2 (see Table 144)
010
Divide by 4 (see Table 144)
011
Divide by 8 (see Table 144)
100
Divide by 16 (see Table 144)
101
Divide by 32 (see Table 144)
110
Divide by 164 (see Table 144)
111
Divide by 128 (see Table 144)
Table 149. Common Baud Rates Using the UART2 Timer with a 4.096 MHz PLL Clock
Ideal Baud
CD
SBTH2
DIV2
SBAUDT
SBF2
SBAUDF2
% Error
115,200
0
0
1
0x01
0
0x07
+ 0.16
115,200
1
0
0
0x00
0
0x07
+ 0.16
57,600
0
0
2
0x02
0
0x07
+ 0.16
57,600
1
0
1
0x01
0
0x07
+ 0.16
38,400
0
0
2
0x02
1
0x2B
−0.31
38,400
1
0
1
0x01
1
0x2B
−0.31
38,400
2
0
0
0x00
1
0x2B
−0.31
19,200
0
0
3
0x03
1
0x2B
−0.31
19,200
1
0
2
0x02
1
0x2B
−0.31
19,200
2
0
1
0x01
1
0x2B
−0.31
19,200
3
0
0
0x00
1
0x2B
−0.31
9600
0
0
4
0x04
1
0x2B
−0.31
9600
1
0
3
0x03
1
0x2B
−0.31
9600
2
0
2
0x02
1
0x2B
−0.31
9600
3
0
1
0x01
1
0x2B
−0.31
9600
4
0
0
0x00
1
0x2B
−0.31
4800
0
0
5
0x05
1
0x2B
−0.31
4800
1
0
4
0x04
1
0x2B
−0.31
4800
2
0
3
0x03
1
0x2B
−0.31
4800
3
0
2
0x02
1
0x2B
−0.31
4800
4
0
1
0x01
1
0x2B
−0.31
4800
5
0
0
0x00
1
0x2B
−0.31
2400
0
0
6
0x06
1
0x2B
−0.31
2400
1
0
5
0x05
1
0x2B
−0.31
2400
2
0
4
0x04
1
0x2B
−0.31
2400
3
0
3
0x03
1
0x2B
−0.31
2400
4
0
2
0x02
1
0x2B
−0.31
2400
5
0
1
0x01
1
0x2B
−0.31
2400
6
0
0
0x00
1
0x2B
−0.31
300
0
2
7
0x17
1
0x2B
−0.31
300
1
1
7
0x0F
1
0x2B
−0.31
300
2
0
7
0x07
1
0x2B
−0.31
300
3
0
6
0x06
1
0x2B
−0.31
300
4
0
5
0x05
1
0x2B
−0.31
300
5
0
4
0x04
1
0x2B
−0.31
300
6
0
3
0x03
1
0x2B
−0.31
300
7
0
2
0x02
1
0x2B
−0.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com