Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE5169F62EBZ Datasheet(PDF) 143 Page - Analog Devices

Part # EVAL-ADE5169F62EBZ
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5169F62EBZ Datasheet(HTML) 143 Page - Analog Devices

Back Button EVAL-ADE5169F62EBZ Datasheet HTML 139Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 140Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 141Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 142Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 143Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 144Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 145Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 146Page - Analog Devices EVAL-ADE5169F62EBZ Datasheet HTML 147Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 143 of 148
Table 168. Port 0 Alternate Functions
Pin
No.
Alternate Function
Alternate Function Enable
P0.0
BCTRL external battery control input
Set INT1PRG = X01 in the interrupt pins configuration SFR (INTPR, Address 0xFF[3:1]).
INT1 external interrupt
Set EX1 in the interrupt enable SFR (IE, Address 0xA8).
INT1 wake-up from PSM2 operating mode
Set INT1PRG = 11x in the interrupt pins configuration SFR (INTPR, Address 0xFF[3:1]).
P0.1
FP19 LCD segment pin
Set FP19EN in the LCD Segment Enable 2 SFR (LCDSEGE2, Address 0xED).
P0.2
CF1 ADE calibration frequency output
Clear the DISCF1 bit in the ADE energy measurement internal MODE1 register
(Address 0x0B).
P0.3
CF2 ADE calibration frequency output
Clear the DISCF2 bit in the ADE energy measurement internal MODE1 register
(Address 0x0B).
P0.4
MOSI SPI data line
Set the SCPS bit in the configuration SFR (CFG, Address 0xAF), and set the SPIEN bit
in SPI Configuration SFR 2 (SPIMOD2, Address 0xE9).
SDATA I2C data line
Clear the SCPS bit in the configuration SFR (CFG, Address 0xAF), and set the I2CEN
bit in the I2C mode SFR (I2CMOD, Address 0xE8).
P0.5
MISO SPI data line
Set the SCPS bit in the configuration SFR (CFG, Address 0xAF), and set the SPIEN bit
in SPI Configuration SFR 2 (SPIMOD2, Address 0xE9).
Zero Crossing Detection 2
Set the ZX2 bit in the MODE3 energy measurement SFR (MODE3, Address 0x2B)
P0.6
SCLK serial clock for I2C or SPI
Set the I2CEN bit in the I2C mode SFR (I2CMOD, Address 0xE8) or the SPIEN bit in SPI
Configuration SFR 2 (SPIMOD2, Address 0xE9) to enable the I2C or SPI interface.
T0 Timer 0 input
Set the C/T0 bit in the Timer/Counter 0 and Timer/Counter 1 mode SFR (TMOD,
Address 0x89) to enable T0 as an external event counter.
P0.7
SS SPI slave select input for SPI in slave mode
Set the SS_EN bit in SPI Configuration SFR 1 (SPIMOD1, Address 0xE8).
SS SPI slave select output for SPI in master mode
Set the SPIMS_b bit in SPI Configuration SFR 2 (SPIMOD2, Address 0xE9).
T1 Timer 1 input
Set the C/T1 bit in the Timer/Counter 0 and Timer/Counter 1 mode SFR (TMOD,
Address 0x89) to enable T1 as an external event counter.
RxD2 receiver data input for UART2
RxD2 edge wake-up from PSM2 operating
mode
Set the REN2 bit in the serial communications control SFR (SCON2, Address 0xE1).
Set RXPROG[1:0] = 11 in the peripheral configuration SFR (PERIPH, Address 0xF4).
Table 169. Port 1 Alternate Functions
Pin
No.
Alternate Function
Alternate Function Enable
P1.0
RxD receiver data input for UART
Set the REN bit in the serial communications control register SFR (SCON, Address
0x98).
P1.1
TxD transmitter data output for UART
This pin becomes TxD as soon as data is written into SBUF.
P1.2
FP25 LCD segment pin
Set FP25EN in the LCD segment enable SFR (LCDSEGE, Address 0x97).
Zero-Crossing Detection 1
Set the ZX1 bit in the MODE3 energy measurement SFR (MODE3, Address 0x2B)
P1.3
FP24 LCD segment pin
Set FP24EN in the LCD segment enable SFR (LCDSEGE, Address 0x97).
T2EX Timer 2 control input
Set EXEN2 in the Timer/Counter 2 control SFR (T2CON, Address 0xC8).
P1.4
FP23 LCD segment pin
Set FP23EN in the LCD segment enable SFR (LCDSEGE, Address 0x97).
T2 Timer 2 input
Set the C/T2 bit in the Timer/Counter 2 control SFR (T2CON, Address 0xC8) to
enable T2 as an external event counter.
P1.5
FP22 LCD segment pin
Set FP22EN in the LCD segment enable SFR (LCDSEGE, Address 0x97).
P1.6
FP21 LCD segment pin
Set FP21EN in the LCD segment enable SFR (LCDSEGE, Address 0x97).
P1.7
FP20 LCD segment pin
Set FP20EN in the LCD segment enable SFR (LCDSEGE, Address 0x97).
Table 170. Port 2 Alternate Functions
Pin
No.
Alternate Function
Alternate Function Enable
P2.0
FP18 LCD segment pin
Set FP18EN in the LCD Segment Enable 2 SFR (LCDSEGE2, Address 0xED).
P2.1
FP17 LCD segment pin
Set FP17EN in the LCD Segment Enable 2 SFR (LCDSEGE2, Address 0xED).
P2.2
FP16 LCD segment pin
Set FP16EN in the LCD Segment Enable 2 SFR (LCDSEGE2, Address 0xED).
P2.3
SDEN serial download pin sampled on reset;
P2.3 is an output only; TxD2 is the transmitter
data output for UART2
Enabled by default. This pin becomes TxD2 as soon as data is written into SBUF2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com