Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 105Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 106Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 107Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 108Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 109Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 110Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 111Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 112Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
109
4.9.18
Parallel Interface (ULPI) Timing
Electrical and timing specifications of the parallel interface are presented in the subsequent sections.
Figure 86. USB Transmit/Receive Waveform in Parallel Mode
4.9.19
PWM Electrical Specifications
This section describes the electrical information of the PWM. The PWM can be programmed to select one
of three clock signals as its source frequency. The selected clock signal is passed through a prescaler before
being input to the counter. The output is available at the pulse-width modulator output (PWMO) external
Table 70. Signal Definitions—Parallel Interface
Name
Direction
Signal Description
USB_Clk
In
Interface clock. All interface signals are synchronous to the clock.
USB_Data[7:0]
I/O
Bidirectional data bus, driven low by the link during idle. Bus ownership is determined by Dir.
USB_Dir
In
Direction. Control the direction of the data bus.
USB_Stp
Out
Stop. The link asserts this signal for 1 clock cycle to stop the data stream currently on the bus.
USB_Nxt
In
Next. The PHY asserts this signal to throttle the data.
Table 71. USB Timing Specification in VP_VM Unidirectional Mode
ID
Parameter
Min.
Max.
Unit
Conditions /
Reference Signal
US15
USB_TXOE_B
—
6.0
ns
10 pF
US16
USB_DAT_VP
—
0.0
ns
10 pF
US17
USB_SE0_VM
—
9.0
ns
10 pF
USB_Dir/Nxt
USB_Stp
US17
US16
USB_Data
US15
US16
US15
US17
USB_Clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com