Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 107Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 108Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 109Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 110Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 111Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 112Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 113Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 114Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
111
Figure 89. Test Access Port Timing Diagram
Figure 90. TRST Timing Diagram
Table 72. SJC Timing Parameters
ID
Parameter
All Frequencies
Unit
Min.
Max.
SJ1
TCK cycle time
1001
—ns
SJ2
TCK clock pulse width measured at VM
2
40
—
ns
SJ3
TCK rise and fall times
—
3
ns
SJ4
Boundary scan input data set-up time
10
—
ns
SJ5
Boundary scan input data hold time
50
—
ns
SJ6
TCK low to output data valid
—
50
ns
SJ7
TCK low to output high impedance
—
50
ns
SJ8
TMS, TDI data set-up time
10
—
ns
SJ9
TMS, TDI data hold time
50
—
ns
SJ10
TCK low to TDO data valid
—
44
ns
TCK
(Input)
TDI
(Input)
TDO
(Output)
TDO
(Output)
TDO
(Output)
VIH
VIL
Input Data Valid
Output Data Valid
Output Data Valid
TMS
SJ8
SJ9
SJ10
SJ11
SJ10
TCK
(Input)
TRST
(Input)
SJ13
SJ12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com