Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 108Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 109Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 110Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 111Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 112Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 113Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 114Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 115Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
112
4.9.21
SPDIF Timing
SPDIF data is sent using bi-phase marking code. When encoding, the SPDIF data signal is modulated by
a clock that is twice the bit rate of the data signal.
Figure 91 shows SPDIF timing parameters, including the timing of the modulating Rx clock (SRCK) for
SPDIF in Rx mode and the timing of the modulating Tx clock (STCLK). for SPDIF in Tx mode.
SJ11
TCK low to TDO high impedance
—
44
ns
SJ12
TRST assert time
100
—
ns
SJ13
TRST set-up time to TCK low
40
—
ns
1 On cases where SDMA TAP is put in the chain, the max. TCK frequency is limited by max. ratio of 1:8 of SDMA core frequency
to TCK limitation. This implies max. frequency of 8.25 MHz (or 121.2 ns) for 66 MHz IPG clock.
2 V
M = mid point voltage
Table 73. SPDIF Timing Parameters
Parameters
Symbol
Timing Parameter Range
Units
Min.
Max.
SPDIFIN Skew: asynchronous inputs, no specs apply
—
—
0.7
ns
SPDIFOUT output (Load = 50 pf)
•Skew
• Transition rising
• Transition falling
—
—
—
—
—
—
1.5
24.2
31.3
ns
SPDIFOUT1 output (Load = 30 pf)
•Skew
• Transition rising
• Transition falling
—
—
—
—
—
—
1.5
13.6
18.0
ns
Modulating Rx clock (SRCK) period
srckp
40.0
—
ns
SRCK high period
srckph
16.0
—
ns
SRCK low period
srckpl
16.0
—
ns
Modulating Tx clock (STCLK) period
stclkp
40.0
—
ns
STCLK high period
stclkph
16.0
—
ns
STCLK low period
stclkpl
16.0
—
ns
Table 72. SJC Timing Parameters (continued)
ID
Parameter
All Frequencies
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com