Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 120 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 116Page - ATMEL Corporation ATmega16HVB Datasheet HTML 117Page - ATMEL Corporation ATmega16HVB Datasheet HTML 118Page - ATMEL Corporation ATmega16HVB Datasheet HTML 119Page - ATMEL Corporation ATmega16HVB Datasheet HTML 120Page - ATMEL Corporation ATmega16HVB Datasheet HTML 121Page - ATMEL Corporation ATmega16HVB Datasheet HTML 122Page - ATMEL Corporation ATmega16HVB Datasheet HTML 123Page - ATMEL Corporation ATmega16HVB Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 273 page
background image
120
8042A–AVR–07/09
ATmega16HVB/32HVB
20.4
Register Description
20.4.1
VADMUX – V-ADC Multiplexer Selection Register
• Bit 7:4 – RES: Reserved Bits
These bits are reserved bits in the ATmega16HVB/32HVB and will always read as zero.
• Bit 3:0 – VADMUX3:0: V-ADC Channel Selection Bits
The VADMUX bits determine the V-ADC channel selection. See Table 20-1 on page 120.
20.4.2
VADCSR – V-ADC Control and Status Register
• Bit 7:4 – RES: Reserved Bits
These bits are reserved bits in the ATmega16HVB/32HVB and will always read as zero.
• Bit 3 – VADEN: V-ADC Enable
Writing this bit to one enables V-ADC conversion. By writing it to zero, the V-ADC is turned off.
Turning the V-ADC off while a conversion is in progress will terminate this conversion. Note that
the bandgap voltage reference must be enabled separately, see “Bandgap Calibration” on page
124.
• Bit 2 – VADSC: Voltage ADC Start Conversion
Write this bit to one to start a new conversion of the selected channel.
Bit
7654
3
2
1
0
(0x7C)
––––
VADMUX3
VADMUX2
VADMUX1
VADMUX0
VADMUX
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0000
0
0
0
0
Table 20-1.
VADMUX channel selection
VADMUX3:0
Channel Selected
Scale
0000
RESERVED
–
0001
CELL 1
0.2
0010
CELL 2
0.2
0011
CELL3
0.2
0100
CELL4
0.2
0101
VTEMP
1.0
0110
ADC0
1.0
0111
ADC1
1.0
1000...1111
RESERVED
–
Bit
7
6
5
4
321
0
(0x7A)
––
–
–
VADEN
VADSC
VADCCIF
VADCCIE
VADCSR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com