Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 117 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 113Page - ATMEL Corporation ATmega16HVB Datasheet HTML 114Page - ATMEL Corporation ATmega16HVB Datasheet HTML 115Page - ATMEL Corporation ATmega16HVB Datasheet HTML 116Page - ATMEL Corporation ATmega16HVB Datasheet HTML 117Page - ATMEL Corporation ATmega16HVB Datasheet HTML 118Page - ATMEL Corporation ATmega16HVB Datasheet HTML 119Page - ATMEL Corporation ATmega16HVB Datasheet HTML 120Page - ATMEL Corporation ATmega16HVB Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 273 page
background image
117
8042A–AVR–07/09
ATmega16HVB/32HVB
20. Voltage ADC – 7-channel General Purpose 12-bit Sigma-Delta ADC
20.1
Features
• 12-bit Resolution
• 519µs Conversion Time @ 1 MHz clk
VADC
• Four Differential Input Channels for Cell Voltage Measurements
• Three Single Ended Input Channels
• 0.2x Pre-scaling of Cell Voltages
• Interrupt on V-ADC Conversion Complete
20.2
Overview
The ATmega16HVB/32HVB features a 12-bit Sigma-Delta ADC.
The Voltage ADC (V-ADC) is connected to seven different sources through the Input Multi-
plexer. There are four differential channels for Cell Voltage measurements. These channels are
scaled 0.2x to comply with the Full Scale range of the V-ADC. In addition there are three single
ended channels referenced to SGND. One channel is for measuring the internal temperature
sensor VPTAT and two channels for measuring the voltage at ADC0 and ADC1.
When the V-ADC is not used, power consumption can be minimized by writing the PRVADC bit
in PRR0 to one. See ”PRR0 – Power Reduction Register 0” on page 40 for details on how to use
the PRVADC bit.
Figure 20-1. Voltage ADC Block Schematic
20.3
Operation
To enable V-ADC conversions, the V-ADC Enable bit, VADEN, in V-ADC Control and Status
Register – VADCSR must be set. If this bit is cleared, the V-ADC will be switched off, and any
ongoing conversions will be terminated. The V-ADC is automatically disabled in Power-save and
V-ADC CONVERSION COMPLETE IRQ
8-BIT DATA BUS
V-ADC MULTIPLEXER
SEL. REG (VADMUX)
V-ADC CONTROL AND
STATUS REG (VADCSR)
V-ADC DATA REGISTER
(VADCL/ADCH)
12-BIT
SIGMA-DELTA ADC
INPUT
MUX
V-ADC CONTROL
ADC1/SGND
ADC0/SGND
VTEMP
PV2
PV1
NV
Note:
The shaded signals are scaled by 0.2,
other signals are scaled by 1.0
VREF
SGND
PV3
PV4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com