Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 114 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 110Page - ATMEL Corporation ATmega16HVB Datasheet HTML 111Page - ATMEL Corporation ATmega16HVB Datasheet HTML 112Page - ATMEL Corporation ATmega16HVB Datasheet HTML 113Page - ATMEL Corporation ATmega16HVB Datasheet HTML 114Page - ATMEL Corporation ATmega16HVB Datasheet HTML 115Page - ATMEL Corporation ATmega16HVB Datasheet HTML 116Page - ATMEL Corporation ATmega16HVB Datasheet HTML 117Page - ATMEL Corporation ATmega16HVB Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 273 page
background image
114
8042A–AVR–07/09
ATmega16HVB/32HVB
19.7.4
CADICH and CADICL – CC-ADC Instantaneous Current
When a CC-ADC Instantaneous Current conversion is complete, the result is found in these two
registers. CADIC15:0 represents the converted result in 2's complement format. Bits 12:0 are
the 13-bit ADC result (including sign), while bit 15:13 are the sign extension bits.
When CADICL is read, the CC-ADC Instantaneous Current register is not updated until CADCH
is read. Reading the registers in the sequence CADICL, CADICH will ensure that consistent val-
ues are read. When a conversion is completed, both registers must be read before the next
conversion is completed, otherwise data will be lost.
19.7.5
CADAC3, CADAC2, CADAC1 and CADAC0 – CC-ADC Accumulate Current
The CADAC3, CADAC2, CADAC1 and CADAC0 Registers contain the Accumulate Current
measurements in 2’s complement format. Bits 17:0 are the 18-bit ADC result (including sign),
while bit 31:18 are the sign extension bits.
When CADAC0 is read, the CC-ADC Accumulate Current register is not updated until CADAC3
is read. Reading the registers in the sequence CADAC0, CADAC1, CADAC2, CADAC3 will
ensure that consistent values are read. When a conversion is completed, all four registers must
be read before the next conversion is completed, otherwise data will be lost.
Table 19-3.
Input Voltage Range and the conversion value step-size for the CADVSE
settings.
CADVSE
Voltage Range
Step-size CADAC
Step-size CADIC
0
± 200 mV
1.67 µV
53.7 µV
1
± 100 mV
0.84 µV
26.9 µV
Bit
15141312
1110
9
8
(0xE5)
CADIC[15:8]
CADICH
(0xE4)
CADIC[7:0]
CADICL
Bit
765
43
210
Read/Write
R
RRR
RR
RR
R
RRR
RR
RR
Initial Value
0
0
0
0
0
0
0
0
000
00
000
Bit
313029
2827
262524
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6543210
(0xE3)
CADAC[31:24]
CADAC3
(0xE2)
CADAC[23:16]
CADAC2
(0xE1)
CADAC[15:8]
CADAC1
(0xE0)
CADAC[7:0]
CADAC0
Read/Write
RRRRR
RRR
RRRRR
RRR
RRRRR
RRR
Initial Value
0
0000000
0
0000000
0
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com