Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 110 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 106Page - ATMEL Corporation ATmega16HVB Datasheet HTML 107Page - ATMEL Corporation ATmega16HVB Datasheet HTML 108Page - ATMEL Corporation ATmega16HVB Datasheet HTML 109Page - ATMEL Corporation ATmega16HVB Datasheet HTML 110Page - ATMEL Corporation ATmega16HVB Datasheet HTML 111Page - ATMEL Corporation ATmega16HVB Datasheet HTML 112Page - ATMEL Corporation ATmega16HVB Datasheet HTML 113Page - ATMEL Corporation ATmega16HVB Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 273 page
background image
110
8042A–AVR–07/09
ATmega16HVB/32HVB
Figure 19-3. Accumulation Current Conversions
19.4
Regular Current Detection Operation
By setting the CADSE bit in CADCSRA the CC-ADC will enter a special Regular Current Detec-
tion Sampling Mode.
In this mode the CC-ADC will do one Instantaneous Current Conversion on regular sampling
intervals while updating of the Accumulation Current Register is automatically disabled. The
sampling interval is controlled by writing to the CADSI bits in CADCSRA.
Each time a conversion is completed the result is compared with Regular Charge/Discharge
Threshold levels specified in the CADRCC/CADRDC registers. If interrupt is enabled and the
voltage is above/below the specified limit a Regular Current Detection Interrupt will be issued.
Figure 19-4 illustrates the Regular Current Detection Mode.
Figure 19-4. Regular Current Detection Mode (CADSE=1)
19.5
Offset Canceling by Polarity Switching
The CC-ADC offers Polarity Switching for internal offset canceling. By switching the polarity of
the sampled input signal at selected time intervals, the internal voltage offset of the CC-ADC will
cancel at the output. This feature prevents the CC-ADC from accumulating an offset error over
time.
Enable
Accumulation
Interrupt
Accumulation
Data
INVALID DATA
DATA 1
DATA 2
DATA 3
DATA 5
Read byte 1
Read byte 2
Read byte 3
Read byte 4
125, 250, 500,
or 1000 ms
125, 250, 500,
or 1000 ms
1, 2, 3, or 4s settling
250, 500,
1000, or 2000 ms
Measure
Turn-off
~12ms
~250, 500, 1000, 2000ms
Measure
~12ms
Turn-off
~250, 500, 1000, 2000ms
Regular Current
Detection Operation
Regular Current
Detection Interupt
Regular Charge
Current Threshold
Regular Discharge
Current Threshold
Current through RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com