Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 113 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 109Page - ATMEL Corporation ATmega16HVB Datasheet HTML 110Page - ATMEL Corporation ATmega16HVB Datasheet HTML 111Page - ATMEL Corporation ATmega16HVB Datasheet HTML 112Page - ATMEL Corporation ATmega16HVB Datasheet HTML 113Page - ATMEL Corporation ATmega16HVB Datasheet HTML 114Page - ATMEL Corporation ATmega16HVB Datasheet HTML 115Page - ATMEL Corporation ATmega16HVB Datasheet HTML 116Page - ATMEL Corporation ATmega16HVB Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 273 page
background image
113
8042A–AVR–07/09
ATmega16HVB/32HVB
• Bit 5 – CADRCIE: CC-ADC Regular Current Interrupt Enable
When the CADRCIE bit is set (one), and the I-bit in the Status Register is set (one), the CC-ADC
Regular Current Interrupt is enabled.
• Bit 4 – CADICIE: CC-ADC Instantaneous Current Interrupt Enable
When the CADICIE bit is set (one), and the I-bit in the Status Register is set (one), the CC-ADC
Instantaneous Current Interrupt is enabled.
• Bit 2 – CADACIF: CC-ADC Accumulate Current Interrupt Flag
The CADACIF bit is set (one) after the Accumulate Current conversion has completed. The CC-
ADC Accumulate Current Interrupt is executed if the CADACIE bit and the I-bit in SREG are set
(one). CADACIF is cleared by hardware when executing the corresponding Interrupt Handling
Vector. Alternatively, CADACIF is cleared by writing a logic one to the flag.
• Bit 1 – CADRCIF: CC-ADC Regular Current Interrupt Flag
The CADRCIF bit is set (one) when the absolute value of the result of the last CC-ADC conver-
sion is greater than, or equal to, the compare values set by the CC-ADC Regular
Charge/Discharge Current Level Registers. A positive value is compared to the Regular Charge
Current Level, and a negative value is compared to the Regular Discharge Current Level. The
CC-ADC Regular Current Interrupt is executed if the CADRCIE bit and the I-bit in SREG are set
(one). CADRCIF is cleared by hardware when executing the corresponding Interrupt Handling
Vector. Alternatively, CADRCIF is cleared by writing a logic one to the flag.
• Bit 0 – CADICIF: CC-ADC Instantaneous Current Interrupt Flag
The CADICIF bit is set (one) when a CC-ADC Instantaneous Current conversion is completed.
The CC-ADC Instantaneous Current Interrupt is executed if the CADICIE bit and the I-bit in
SREG are set (one). CADICIF is cleared by hardware when executing the corresponding Inter-
rupt Handling vector. Alternatively, CADICIF is cleared by writing a logic one to the flag.
19.7.3
CADCSRC – CC-ADC Control and Status Register C
• Bit 7:1 – Res: Reserved
These bits are reserved bits and will always read as zero.
• Bit 0 – CADVSE: CC-ADC Voltage Scaling Enable
Setting this bit enables the internal Voltage Scaling. When enabling the internal Voltage Scaling
the internal CC-ADC reference will be divided by 2, affecting the Input Voltage Range and the
resulting step-size. Table 19-3 shows the Input Voltage Range and the conversion value step-
size for the CADVSE settings.
Bit
7
6
5
4
3
2
1
0
(0xE8)
–
–
–
–
–
–
–
CADVSE
CADCSRC
Read/Write
R
R
R
R
R
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com