Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 115 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 111Page - ATMEL Corporation ATmega16HVB Datasheet HTML 112Page - ATMEL Corporation ATmega16HVB Datasheet HTML 113Page - ATMEL Corporation ATmega16HVB Datasheet HTML 114Page - ATMEL Corporation ATmega16HVB Datasheet HTML 115Page - ATMEL Corporation ATmega16HVB Datasheet HTML 116Page - ATMEL Corporation ATmega16HVB Datasheet HTML 117Page - ATMEL Corporation ATmega16HVB Datasheet HTML 118Page - ATMEL Corporation ATmega16HVB Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 273 page
background image
115
8042A–AVR–07/09
ATmega16HVB/32HVB
19.7.6
CADRCC – CC-ADC Regular Charge Current
The CC-ADC Regular Charge Current Register determines the threshold level for the Regular
Charge Current detection. When the result of a CC-ADC Instantaneous Current conversion is
positive with a value greater than, or equal to, the Regular Charge Current level, the CC-ADC
Regular Current Interrupt Flag is set.
The value in this register defines the eight least significant bits of the Regular Charge Current
level in 2's complement format, where the most significant bits of the Regular Charge Current
level are always zero. The programmable range for the Regular Charge Current level is given in
the Table 19-4.
Note:
1. Values in the table are shown with the CADVSE set to both 0 and 1.
The CC-ADC Regular Charge Current Register does not affect the setting of the CC-ADC Con-
version Complete Interrupt Flag.
19.7.7
CADRDC – CC-ADC Regular Discharge Current
The CC-ADC Regular Discharge Current Register determines the threshold level for the Regular
Discharge Current detection. When the result of a CC-ADC Instantaneous Current conversion is
negative with an absolute value greater than, or equal to, the Regular Discharge Current level,
the CC-ADC Regular Current Interrupt Flag is set.
The value in this register defines the eight least significant bits of the Regular Discharge Current
level in 2's complement format, where the most significant bits of the Regular Discharge Current
level are always one. The programmable range for the Regular Discharge Current level is given
in the Table 19-5.
Bit
7
6543
2
10
(0xE9)
CADRCC[7:0]
CADRCC
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 19-4.
Programmable Range for the Regular Charge Current Level
(1)
Minimum
Maximum
Step Size
Voltage (µV)
0
13696/6848
53.7/26.9
Current (mA)
RSENSE = 1 mΩ
0
13696/6848
53.7/26.9
RSENSE = 5 mΩ
0
2740/1370
10.7/5.4
R
SENSE = 10 mΩ
0
1370/685
5.3/2.7
Bit
7
6
5
4
3210
(0xEA)
CADRDC[7:0]
CADRDC
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com