Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 112 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 108Page - ATMEL Corporation ATmega16HVB Datasheet HTML 109Page - ATMEL Corporation ATmega16HVB Datasheet HTML 110Page - ATMEL Corporation ATmega16HVB Datasheet HTML 111Page - ATMEL Corporation ATmega16HVB Datasheet HTML 112Page - ATMEL Corporation ATmega16HVB Datasheet HTML 113Page - ATMEL Corporation ATmega16HVB Datasheet HTML 114Page - ATMEL Corporation ATmega16HVB Datasheet HTML 115Page - ATMEL Corporation ATmega16HVB Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 273 page
background image
112
8042A–AVR–07/09
ATmega16HVB/32HVB
• Bits 4:3 – CADAS1:0: CC-ADC Accumulate Current Select
The CADAS bits select the conversion time for the Accumulate Current output as shown in the
Table 19-1.
Note:
1. The actual value of depends on the actual frequency of the ”Ultra Low Power RC Oscillator” on
page 27. See Section “32.” on page 228.
• Bits 2:1 – CADSI1:0: CC-ADC Current Sampling Interval
The CADSI bits determine the current sampling interval for the Regular Current detection as
shown in the Table 19-2.
Notes:
1. The actual value of depends on the actual frequency of the ”Ultra Low Power RC Oscillator” on
page 27. See ”Electrical Characteristics” on page 228.
2. Sampling time ~ 12 ms.
• Bit 0 – CADSE: CC-ADC Sampling Enable
When the CADSE bit is written to one, the ongoing CC-ADC conversion is aborted and the CC-
ADC enters Regular Current detection mode.
19.7.2
CADCSRB – CC-ADC Control and Status Register B
• Bits 7, 3 – Res: Reserved
These bits are reserved bits in the ATmega16HVB/32HVB and will always read as zero.
• Bit 6 – CADACIE: CC-ADC Accumulate Current Interrupt Enable
When the CADACIE bit is set (one), and the I-bit in the Status Register is set (one), the CC-ADC
Accumulate Current Interrupt is enabled.
Table 19-1.
CC-ADC Accumulate Current Conversion Time
CADAS1:0
CC-ADC Accumulate Current
Conversion Time(1)
Number of CC-ADC
clock Cycles
00
128 ms
4096
01
256 ms
8192
10
512 ms
16384
11
1 s
32768
Table 19-2.
CC-ADC Regular Current Sampling Interval
CADSI1:0
CC-ADC Regular Current
Sampling Interval(1)(2)
Number of CC-ADC
clock Cycles
00
256 ms (+ sampling time)
8192 (+ sampling time)
01
512 ms (+ sampling time)
16384 (+ sampling time)
10
1 s (+ sampling time)
32768 (+ sampling time)
11
2 s (+ sampling time)
65536 (+ sampling time)
Bit
7
6
5
4
3
2
1
0
(0xE7)
–
CADACIE
CADRCIE
CADICIE
–
CADACIF
CADRCIF
CADICIF
CADCSRB
Read/Write
R
R/W
R
R/W
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com