Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 121 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 121 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 117Page - ATMEL Corporation ATmega16HVB Datasheet HTML 118Page - ATMEL Corporation ATmega16HVB Datasheet HTML 119Page - ATMEL Corporation ATmega16HVB Datasheet HTML 120Page - ATMEL Corporation ATmega16HVB Datasheet HTML 121Page - ATMEL Corporation ATmega16HVB Datasheet HTML 122Page - ATMEL Corporation ATmega16HVB Datasheet HTML 123Page - ATMEL Corporation ATmega16HVB Datasheet HTML 124Page - ATMEL Corporation ATmega16HVB Datasheet HTML 125Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 273 page
background image
121
8042A–AVR–07/09
ATmega16HVB/32HVB
VADSC will read as one as long as the conversion is not finished. When the conversion is com-
plete, it returns to zero. Writing zero to this bit has no effect. VADSC will automatically be
cleared when the VADEN bit is written to zero.
• Bit 1 – VADCCIF: V-ADC Conversion Complete Interrupt Flag
This bit is set when a V-ADC conversion completes and the data registers are updated. The V-
ADC Conversion Complete Interrupt is executed if the VADCCIE bit and the I-bit in SREG are
set. VADCCIF is cleared by hardware when executing the corresponding interrupt handling vec-
tor. Alternatively, VADCCIF is cleared by writing a logical one to the flag. Beware that if doing a
Read-Modify-Write on VADCSR, a pending interrupt can be lost.
• Bit 0 – VADCCIE: V-ADC Conversion Complete Interrupt Enable
When this bit is written to one and the I-bit in SREG is set, the V-ADC Conversion Complete
Interrupt is activated.
20.4.3
VADCL and VADCH – V-ADC Data Register
When a V-ADC conversion is complete, the result is found in these two registers. To ensure that
correct data is read, both high and low byte data registers should be read before starting a new
conversion.
• VADC11:0: V-ADC Conversion Result
These bits represent the result from the conversion.
To obtain the best absolute accuracy for the cell voltage measurements, gain and offset com-
pensation is required. Factory calibration values are stored in the device signature row, refer to
section ”Reading the Signature Row from Software” on page 199 for details. The cell voltage in
mV is given by:
The voltage on the ADCn is given by:
When performing a Vtemp conversion, the result must be adjusted by the factory calibration
value stored in the signature row, refer to section ”Reading the Signature Row from Software” on
page 199 for details. The absolute temperature in Kelvin is given by:
Bit
15
14
13
12
11
10
9
8
(0x79)
–
–
–
–
VADC[11:8]
VADCH
(0x78)
VADC[7:0]
VADCL
76
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
RR
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
00
0
0
0
0
0
0
Cell
n[mV]
(VADCH/L
VADC Cell
nOffset)
VADC Cell
n Gain Calibration Word
⋅
–
16384
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
ADCn[mV]
1
10
------
(VADCH/L
VADC ADCn Offset)
VADC ADCn Gain Calibration Word
⋅
–
16384
----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com