Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 235 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 235 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 231Page - ATMEL Corporation ATmega16HVB Datasheet HTML 232Page - ATMEL Corporation ATmega16HVB Datasheet HTML 233Page - ATMEL Corporation ATmega16HVB Datasheet HTML 234Page - ATMEL Corporation ATmega16HVB Datasheet HTML 235Page - ATMEL Corporation ATmega16HVB Datasheet HTML 236Page - ATMEL Corporation ATmega16HVB Datasheet HTML 237Page - ATMEL Corporation ATmega16HVB Datasheet HTML 238Page - ATMEL Corporation ATmega16HVB Datasheet HTML 239Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 273 page
background image
235
8042A–AVR–07/09
ATmega16HVB/32HVB
32.13 2-wire Serial Interface Characteristics
Table 32-15 on page 235 describes the requirements for devices connected to the Two-wire
Serial Bus. The ATmega16HVB/32HVB Two-wire Serial Interface meets or exceeds these
requirements under the noted conditions.
Timing symbols refer to Figure 32-1 on page 236.
Notes:
1. In ATmega16HVB/32HVB, this parameter is characterized and not tested.
2. Cb = capacitance of one bus line in pF.
3. f
CK = CPU clock frequency
4. This requirement applies to all ATmega16HVB/32HVB Two-wire Serial Interface operation. Other devices connected to the
Two-wire Serial Bus need only obey the general fSCL requirement.
Table 32-15. Two-wire Serial Bus Requirements
Symbol
Parameter
Condition
Min
Max
Units
VIL
Input Low-voltage
-0.5
0.8
V
VIH
Input High-voltage
2.1
5.5
V
OL
(1)
Output Low-voltage
350 µA sink current
0
0.4
tr
(1)
Rise Time for both SDA and SCL
300
ns
tof
(1)
Output Fall Time from VIHmin to VILmax
Cb < 400 pF
(2)
250
tSP
(1)
Spikes Suppressed by Input Filter
0
50
Ii
Input Current each I/O Pin
0.1VBUS < Vi < 0.9VBUS
-5
5
µA
Ci
(1)
Capacitance for each I/O Pin
–
10
pF
f
SCL
SCL Clock Frequency
f
CK
(3) > max(16f
SCL, 450 kHz)
(4)
0
100
kHz
Rp
Value of Pull-up resistor
fSCL ≤ 100 kHz
Ω
tHD;STA
Hold Time (repeated) START Condition
fSCL ≤ 100 kHz
4.0
–
µs
tLOW
Low Period of the SCL Clock
fSCL ≤ 100 kHz
4.7
–
t
HIGH
High period of the SCL clock
f
SCL ≤ 100 kHz
4.0
–
tSU;STA
Set-up time for a repeated START condition
fSCL ≤ 100 kHz
4.7
–
t
HD;DAT
Data hold time
f
SCL ≤ 100 kHz
0.3
3.45
t
SU;DAT
Data setup time
f
SCL ≤ 100 kHz
250
–
tSU;STO
Setup time for STOP condition
fSCL ≤ 100 kHz
4.0
–
tBUF
Bus free time between a STOP and START
condition
fSCL ≤ 100 kHz
4.7
–
V
BUS
0,4V
–
350µA
-------------------------------
V
BUS
0,4V
–
100µA
-------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com