Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 232 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 232 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 228Page - ATMEL Corporation ATmega16HVB Datasheet HTML 229Page - ATMEL Corporation ATmega16HVB Datasheet HTML 230Page - ATMEL Corporation ATmega16HVB Datasheet HTML 231Page - ATMEL Corporation ATmega16HVB Datasheet HTML 232Page - ATMEL Corporation ATmega16HVB Datasheet HTML 233Page - ATMEL Corporation ATmega16HVB Datasheet HTML 234Page - ATMEL Corporation ATmega16HVB Datasheet HTML 235Page - ATMEL Corporation ATmega16HVB Datasheet HTML 236Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 273 page
background image
232
8042A–AVR–07/09
ATmega16HVB/32HVB
32.7.2
Coulomb Counter ADC Characteristics
Notes:
1. Values based on characterization data.
2. After software offset compensation, using the polarity switching (CADPOL) feature.
3. Value includes drift over the whole temperature range.
32.8
Clock Characteristics
Notes:
1. The frequency is stored in the Value after factory calibration at 85ºC
2. Value not tested in production, but it is guarantied by design and characterization over the whole temperature range.
3. The actual oscillator frequency is measured in production and stored in the device signature row (for details, see ”Reading
the Signature Row from Software” on page 199).
Table 32-7.
T
A= -40 to 85°C unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Unit
Conversion Time
Instantaneous conversion, clk
CC-ADC=32kHz
3.9
ms
Accumulated conversion CADAS=11, clkCC-ADC=32kHz
1
s
Resolution
Instantaneous conversion
13
Bits
Accumulated conversion
18
Gain
Accumulated conversion, CADVSE=0
1.67
µV/LSB
Accumulated conversion, CADVSE=1
0.84
Instantaneous conversion, CADVSE=0
53.7
Instantaneous conversion, CADVSE=1
26.9
Input voltage Range
CADVSE = 0
-200
200
mV
CADVSE = 1
-100
100
INL(1)
TA= 0°- 60°C
± 0.005
± 0.003
% FSR
Offset Error(2)
Accumulated conversion, T
A= 25°C-7
µV
Offset Error Drift(1)(2)
Accumulated conversion
30
nV/
°C
Gain Error(1)(3)
± 0.4
± 1
%
Gain Error Drift(1)
0.1
Table 32-8.
T
A= -40 to 85°C unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Unit
Calibrated Fast RC Oscillator
Frequency
After factory calibration at
T
A=25°C
7.92
8
8.08
MHz
Frequency drift(2)
With run-time calibration with
OSI interface and Slow RC
Oscillator as calibration clock
3%
Slow RC Oscillator(1)
Frequency(3)
91
131
171
kHz
Frequency drift
1
%
Frequency prediction error
0.5
Ultra Low
Power RC Oscillator(1)
Frequency(3)
89
128
167
kHz
Frequency drift(2)
6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com