Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 228 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 228 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 224Page - ATMEL Corporation ATmega16HVB Datasheet HTML 225Page - ATMEL Corporation ATmega16HVB Datasheet HTML 226Page - ATMEL Corporation ATmega16HVB Datasheet HTML 227Page - ATMEL Corporation ATmega16HVB Datasheet HTML 228Page - ATMEL Corporation ATmega16HVB Datasheet HTML 229Page - ATMEL Corporation ATmega16HVB Datasheet HTML 230Page - ATMEL Corporation ATmega16HVB Datasheet HTML 231Page - ATMEL Corporation ATmega16HVB Datasheet HTML 232Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 273 page
background image
228
8042A–AVR–07/09
ATmega16HVB/32HVB
32. Electrical Characteristics
32.1
Absolute Maximum Ratings*
32.2
Supply Current Characteristics
Operating Temperature.................................... -40
°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on PA0 - PA3, PI, NI, PPI and NNI
with respect to Ground ............................. -0.5V to VREG +0.5V
Voltage on PB0 - PB7
with respect to Ground ............................. -0.5V to VCC +0.5V
Voltage on PC0 - PC4,
PV1, and NV with respect to Ground................-0.5V to + 6.0V
Voltage on PC5, BATT, PVT, VFET, OC, OD, PV4, PV3,
and PV2 with respect to Ground........................-0.5V to + 35V
Voltage on VCLMP10 and RESET
with respect to Ground ......................................-0.5V to + 13V
Maximum Operating Voltage on VREG and VCC............. 4.5V
Maximum Operating Voltage on VFET .............................. 25V
Table 32-1.
TA= 25°C unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
I
VFET
Active current
VFET=16V, CPU clock=8MHz, All PRR bits set
3.75
5
mA
VFET=16V, CPU clock=1MHz, All PRR bits set
760
1000
µA
Idle current
VFET=16V, CPU clock=1MHz, All PRR bits set
215
293
ADCNRM current
VFET=16V, CPU clock=1MHz, All PRR bits except
PRVADC are set, VADC enabled.
350
Power-save current
VFET=16V, Only WDT enabled, DUVR mode disabled.
28
46
VFET=16V, WDT, CC-ADC, OC, OD and Battery
Protection enabled, DUVR mode disabled.
85
138
Power-off current
VFET=6V
<1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com