Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 226 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 226 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 222Page - ATMEL Corporation ATmega16HVB Datasheet HTML 223Page - ATMEL Corporation ATmega16HVB Datasheet HTML 224Page - ATMEL Corporation ATmega16HVB Datasheet HTML 225Page - ATMEL Corporation ATmega16HVB Datasheet HTML 226Page - ATMEL Corporation ATmega16HVB Datasheet HTML 227Page - ATMEL Corporation ATmega16HVB Datasheet HTML 228Page - ATMEL Corporation ATmega16HVB Datasheet HTML 229Page - ATMEL Corporation ATmega16HVB Datasheet HTML 230Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 273 page
background image
226
8042A–AVR–07/09
ATmega16HVB/32HVB
Table 31-1.
Bill of Materials
Symbol
Number
Description
C1-C4, C10, C11
6
Capacitor, ceramic, 0.1 - 1.0 µF, 50V, X7R
C5-C8
4
Capacitor, ceramic, 0.01 - 0.5 µF, 50V, X7R
C9, C12, C13, C15
4
Capacitor, ceramic, 0.1 µF, 50V, X7R
C14
1
Capacitor, ceramic, 2.2 - 4.7 µF, 10V, X7R
C16
1
Capacitor, ceramic, 1 - 22 µF, 10V, X7R
C17
1
Capacitor, ceramic, 0.47 µF, 10V, X7R
C18
1
Capacitor, ceramic, 22 nF, 50V, X7R
D1
1
Diode, signal
D2
1
Diode, double, Shottky
D4
1
Diode, signal
D3
1
Diode, Zener, value from design considerations
D4
1
Diode, Zener, 5V6
D5
1
Diode, double, Zener, 5V6
D6-D10
5
LEDs
F1
1
Chemical fuse
Q1
1
N-FET, 50V, 0.22A
Q2, Q3
2
N-FET, 30V, 10A
Q4
1
N-FET, 20V, 1.3A
R1-R4
4
Resistor, chip, 1-10 k
Ω, 1/16W, 5%
R5-R9
5
Resistor, chip, 10-1000
Ω, 1/16W, 5%
R10
1
Sense resistor, 1-10 m
Ω, 1W, 1%
R11, R12
2
Resistor, chip, 10-500
Ω, 1/16W, 5%
R13, R14, R18, R19, R20, R21, R25
7
Resistor, chip 1 k
Ω, 1/16W, 5%
R15
1
Resistor, chip, 100-1000
Ω, 1/16W, 5%
R16, R17
2
Resistor, chip 200 k
Ω, 1/16W, 5%
R22
1
Resistor, value from design considerations
R23
1
Resistor, value from design considerations
R24
1
Resistor, chip 1 k
Ω, 1/16W, 5%
R26, R27
2
Resistor, chip 100
Ω, 1/16W, 5%
R28, R29
2
Resistor, chip 1 M
Ω, 1/16W, 5%
R30
1
Resistor, chip 820
Ω, 1/16W, 5%
R31
1
Resistor, chip 10 k
Ω, 1/16W, 5%
R32, R33
2
NTC thermistor, 10 k
Ω, B = 3000 - 4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com