Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 229 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 229 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 225Page - ATMEL Corporation ATmega16HVB Datasheet HTML 226Page - ATMEL Corporation ATmega16HVB Datasheet HTML 227Page - ATMEL Corporation ATmega16HVB Datasheet HTML 228Page - ATMEL Corporation ATmega16HVB Datasheet HTML 229Page - ATMEL Corporation ATmega16HVB Datasheet HTML 230Page - ATMEL Corporation ATmega16HVB Datasheet HTML 231Page - ATMEL Corporation ATmega16HVB Datasheet HTML 232Page - ATMEL Corporation ATmega16HVB Datasheet HTML 233Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 273 page
background image
229
8042A–AVR–07/09
ATmega16HVB/32HVB
32.3
NFET Driver Characteristics
Note:
The NFET drivers require a minimum total cell voltage of 6V or higher or a charger connected to turn-on the FETs. Note that this
limit only applies if the FET is disabled in advanced. If the FET is already enabled, the FET will be fully operational in the entire
voltage range of the device (4-25V).
Table 32-2.
TA= 25°C unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOC,ON
OC pin on voltage relative to PVT
voltage
OC enabled, VFET=16V
13
V
OC enabled, VFET=10V
13
OC enabled, VFET=4V
6
VOD,ON
OD pin on voltage relative to BATT
voltage
OD enabled, VFET=16V
13
OD enabled, VFET=10V
13
OD enabled, VFET=4V
6
V
OC,OFF
OC pin off voltage realtive to GND
0.0
VOD,OFF
OD pin off voltage realtive to GND
0.0
t
r,OC
Rise time on OC pin
V(OC-PVT)=0 to 2V, Ceq=4.7nF, VFET=16V
0.8
ms
V
(OC-PVT)=0 to 2V, Ceq=4.7nF, VFET=10V
1.1
V(OC-PVT)=0 to 2V, Ceq=4.7nF, VFET=6V
3
V(OC-PVT)=2 to 4V, Ceq=4.7nF, VFET=16V
1
V
(OC-PVT)=2 to 4V, Ceq=4.7nF, VFET=10V
1.2
V(OC-PVT)=2 to 4V, Ceq=4.7nF, VFET=6V
1.3
t
r,OD
Rise time on OD pin
V(OD-BATT)=0 to 2V, Ceq=4.7nF, VFET=16V
0.8
V
(OD-BATT)=0 to 2V, Ceq=4.7nF, VFET=10V
1.1
V(OD-BATT)=0 to 2V, Ceq=4.7nF, VFET=6V
3
V
(OD-BATT)=2 to 4V, Ceq=4.7nF, VFET=16V
1
V
(OD-BATT)=2 to 4V, Ceq=4.7nF, VFET=10V
1.2
V(OD-BATT)=2 to 4V, Ceq=4.7nF, VFET=6V
1.3
t
f,OC
Fall time on OC pin
V
(OD-PVT)=VOC,ON to 0V
50
ns
t
f,OD
Fall time on OD pin
V
(OD-BATT)=VOD,ON to 0V
50
V
VFET,DUVR
Regulated VFET voltage in DUVR
mode
DUVR enabled, VREF=1.1V
4.1
4.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com