Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 230 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 230 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 226Page - ATMEL Corporation ATmega16HVB Datasheet HTML 227Page - ATMEL Corporation ATmega16HVB Datasheet HTML 228Page - ATMEL Corporation ATmega16HVB Datasheet HTML 229Page - ATMEL Corporation ATmega16HVB Datasheet HTML 230Page - ATMEL Corporation ATmega16HVB Datasheet HTML 231Page - ATMEL Corporation ATmega16HVB Datasheet HTML 232Page - ATMEL Corporation ATmega16HVB Datasheet HTML 233Page - ATMEL Corporation ATmega16HVB Datasheet HTML 234Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 273 page
background image
230
8042A–AVR–07/09
ATmega16HVB/32HVB
32.4
Reset Characteristics
Notes:
1. The voltage at the Pack + terminal will be slightly higher than VPOT when the chip is enabled. This is because of an internal
Pull-down current on the BATT pin in the range 50 - 150 uA and the RBATT resistor connected between the Pack + terminal
and the BATT pin. R
BATT = 1k gives a voltage drop 0.05 - 0.15V.
2. The power-on reset will not work unless the voltage has been below VPOT (falling) after a power-off condition.
32.5
Voltage Regulator Characteristics
32.6
Voltage reference and Temperature Sensor Characteristics
Notes:
1. Calibration is done in Atmel factory test. Software should calibrate the VREF by writing the BGCRR and BGCCR registers
with the calibration values stored in the signature row.
2. This value is not tested in production.
Table 32-3.
TA= -40 to 85°C unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VPOT
Power-on Threshold Voltage (rising)(1)
4.5
7
V
Power-on Threshold Voltage (falling)(1)(2)
4.5
6.3
tRST
Minimum pulse width on RESET Pin
900
ns
VBOT
Brown-Out Detection (BOD) Trigger Level
TA= 25°C
2.9
V
V
HYST
BOD Level Hysteresis
T
A= 25°C
50
mV
Table 32-4.
TA= -40 to 85°C unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
V
VREG
Regulator Output Voltage
VFET=16.8V, IOUT=20mA
3.1
V
VFET=6V, I
OUT=20mA
3.1
VFET=4V, IOUT=7mA
3.1
VRSCL
Voltage Regulator Short- circuit Level at
VFET pin
3.3
3.7
V
BLOD
Voltage Regulator Black-out Detection
Level at VREG pin
T
A= 25°C
2.65
Table 32-5.
TA= -40 to 85°C unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Unit
Reference Voltage
1.100
V
Ref. Voltage Accuracy(1)
After factory calibration, T
A= 25°C
± 0.1
± 0.2
%
Temperature Drift(1)(2)
TA = -40° - 85°C60
90
ppm/K
T
A = 0° - 60°C25
50
VREF calibration
Hold Off Time
CREG=2.2µF, BGCCR write
2
µs
CREG=2.2µf, BGCRR write
5
V
PTAT, Voltage Proportional
to Absolute Temperature(2)
0.6
mV/K
VPTAT Absolute Accuracy
(3)
± 5
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com