Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 231 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 231 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 227Page - ATMEL Corporation ATmega16HVB Datasheet HTML 228Page - ATMEL Corporation ATmega16HVB Datasheet HTML 229Page - ATMEL Corporation ATmega16HVB Datasheet HTML 230Page - ATMEL Corporation ATmega16HVB Datasheet HTML 231Page - ATMEL Corporation ATmega16HVB Datasheet HTML 232Page - ATMEL Corporation ATmega16HVB Datasheet HTML 233Page - ATMEL Corporation ATmega16HVB Datasheet HTML 234Page - ATMEL Corporation ATmega16HVB Datasheet HTML 235Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 273 page
background image
231
8042A–AVR–07/09
ATmega16HVB/32HVB
3. The measured VPTAT voltage must be scaled with the calibration value stored in the VPTAT Calibration Register to get the
absolute temperature. The design target accuracy for this parameter assumes an exact calibration temperature. Actual
accuracy of this parameter after calibration in Atmel factory test remains to be determined.
32.7
ADC Characteristics
32.7.1
Voltage ADC Characteristics
Notes:
1. Value is after Atmel factory offset and gain compensation in production (for details, see Table 29-3, “Signature Row
Addressing.,” on page 199) and it includes drift over the whole temperature range.
2. Value not tested in production but guarantied by design and characterization.
Table 32-6.
T
A= -40 to 85°C unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Unit
Conversion Time
clkVADC = 1 MHz
519
μs
Resolution
12
Bits
Gain ADC0/1 (Un-scaled)
263
μV/LSB
Gain Cell Inputs (x0.2)
1.42
mV/LSB
INL(2)
ADC0, ADC1
±1
±3
LSB
CELL1, CELL2, CELL3
±1
±3
CELL4
±2
±5
Input Voltage range ADC0, ADC1, VTEMP
0
1
V
Input Voltage range CELL1
1.8
5
Input Voltage range CELL2
VPV1-GND>1.8V
0
5
Input Voltage range CELL3
VPV2-GND>1.8V
0
5
Input Voltage range CELL4
V
PV3-GND>1.8V
0
5
Offset drift(1)(2)
ADC0, ADC1
1
LSB
CELL1, CELL2, CELL3
1
CELL4
5
Gain drift(1)(2)
ADC0, ADC1
6
LSB
CELL1, CELL2, CELL3
7
CELL4
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com