Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
23
DUART
7DUART
This section describes the DC and AC electrical specifications for the DUART interface of the
MPC8544E.
7.1
DUART DC Electrical Characteristics
Table 19 provides the DC electrical characteristics for the DUART interface.
7.2
DUART AC Electrical Specifications
Table 20 provides the AC timing parameters for the DUART interface.
Table 19. DUART DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
High-level input voltage
VIH
2OVDD + 0.3
V
—
Low-level input voltage
VIL
–0.3
0.8
V
—
Input current (VIN = 0 V or VIN = VDD)IIN
—±5
μA1
High-level output voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Low-level output voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 20. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
CCB clock/1,048,576
baud
1
Maximum baud rate
CCB clock/16
baud
2
Oversample rate
16
—
3
Notes:
1. CCB clock refers to the platform clock.
2. Actual attainable baud rate will be limited by the latency of interrupt processing.
3. The middle of a start bit is detected as the eighth sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values
are sampled each sixteenth sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com