Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
70
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
16.2.3
Interfacing With Other Differential Signaling Levels
With on-chip termination to SGND_SRDSn (xcorevss), the differential reference clocks inputs are HCSL
(high-speed current steering logic) compatible DC-coupled.
Many other low voltage differential type outputs like LVDS (low voltage differential signaling) can be
used but may need to be AC-coupled due to the limited common mode input range allowed (100 to
400 mV) for DC-coupled connection.
LVPECL outputs can produce signal with too large amplitude and may need to be DC-biased at clock
driver output first, then followed with series attenuation resistor to reduce the amplitude, in addition to
AC-coupling.
NOTE
Figure 49 through Figure 52 are for conceptual reference only. Due to the
fact that clock driver chip's internal structure, output impedance and
termination requirements are different between various clock driver chip
manufacturers, it is very possible that the clock circuit reference designs
provided by clock driver chip vendor are different from what is shown
below. They might also vary from one vendor to the other. Therefore,
Freescale Semiconductor can neither provide the optimal clock driver
reference circuits, nor guarantee the correctness of the following clock
driver connection reference circuits. The system designer is recommended
to contact the selected clock driver chip vendor for the optimal reference
circuits with the MPC8544E SerDes reference clock receiver requirement
provided in this document.
Figure 49 shows the SerDes reference clock connection reference circuits for HCSL type clock driver. It
assumes that the DC levels of the clock driver chip is compatible with MPC8544E SerDes reference clock
input’s DC requirement.
Figure 49. DC-Coupled Differential Connection with HCSL Clock Driver (Reference Only)
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK
Clock Driver
100
Ω differential PWB trace
Clock driver vendor dependent
source termination resistor
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
HCSL CLK Driver Chip
33
Ω
33
Ω
Total 50
Ω. Assume clock driver’s
output impedance is about 16
Ω.
CLK_Out
MPC8544E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com