Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
96
Freescale Semiconductor
Clocking
19.3
e500 Core PLL Ratio
Table 66 describes the clock ratio between the e500 core complex bus (CCB) and the e500 core clock. This
ratio is determined by the binary value of LBCTL, LALE, and LGPL2 at power up, as shown in Table 66.
19.4
PCI Clocks
For specifications on the PCI_CLK, refer to the PCI 2.2 Local Bus Specifications.
The use of PCI_CLK is optional if SYSCLK is in the range of 33–66 MHz. If SYSCLK is outside this
range then use of PCI_CLK is required as a separate PCI clock source, asynchronous with respect to
SYSCLK.
Table 65. CCB Clock Ratio
Binary Value of
LA[28:31] Signals
CCB:SYSCLK Ratio
Binary Value of
LA[28:31] Signals
CCB:SYSCLK Ratio
0000
16:1
1000
8:1
0001
Reserved
1001
9:1
0010
Reserved
1010
10:1
0011
3:1
1011
Reserved
0100
4:1
1100
12:1
0101
5:1
1101
Reserved
0110
6:1
1110
Reserved
0111
Reserved
1111
Reserved
Table 66. e500 Core to CCB Clock Ratio
Binary Value of
LBCTL, LALE,
LGPL2 Signals
e500 core:CCB Clock Ratio
Binary Value of
LBCTL, LALE,
LGPL2 Signals
e500 core:CCB Clock Ratio
000
4:1
100
2:1
001
Reserved
101
5:2
010
Reserved
110
3:1
011
3:2
111
7:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com