Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
58
Freescale Semiconductor
JTAG
Figure 34 provides the AC test load for TDO and the boundary-scan outputs.
Figure 34. AC Test Load for the JTAG Interface
Figure 35 provides the JTAG clock input timing diagram.
Figure 35. JTAG Clock Input Timing Diagram
Output hold times:
Boundary-scan data
TDO
tJTKLDX
tJTKLOX
4
4
—
—
ns
5
JTAG external clock to output high impedance:
Boundary-scan data
TDO
tJTKLDZ
tJTKLOZ
3
3
19
9
ns
5
Notes:
1. All outputs are measured from the midpoint voltage of the falling/rising edge of tTCLK to the midpoint of the signal in question.
The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load (see Figure 34).
Time-of-flight delays must be added for trace lengths, vias, and connectors in the system.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tJTDVKH symbolizes JTAG device
timing (JT) with respect to the time data input signals (D) reaching the valid state (V) relative to the tJTG clock reference (K)
going to the high (H) state or setup time. Also, tJTDXKH symbolizes JTAG timing (JT) with respect to the time data input signals
(D) went invalid (X) relative to the tJTG clock reference (K) going to the high (H) state. Note that, in general, the clock reference
symbol representation is based on three letters representing the clock of a particular functional. For rise and fall times, the
latter convention is used with the appropriate letter: R (rise) or F (fall).
3. TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
4. Non-JTAG signal input timing with respect to tTCLK.
5. Non-JTAG signal output timing with respect to tTCLK.
Table 50. JTAG AC Timing Specifications (Independent of SYSCLK)1 (continued)
At recommended operating conditions (see Table 3).
Parameter
Symbol2
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
JTAG
tJTKHKL
tJTGR
External Clock
VM
VM
VM
tJTG
tJTGF
VM = Midpoint Voltage (OVDD/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com