Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8544EBVTANF Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
35
Enhanced Three-Speed Ethernet (eTSEC), MII Management
8.6.1
MII Transmit AC Timing Specifications
Table 32 provides the MII transmit AC timing specifications.
Figure 16 shows the MII transmit AC timing diagram.
Figure 16. MII Transmit AC Timing Diagram
8.6.2
MII Receive AC Timing Specifications
Table 33 provides the MII receive AC timing specifications.
Table 32. MII Transmit AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
TX_CLK clock period 10 Mbps
tMTX
—400
—
ns
—
TX_CLK clock period 100 Mbps
tMTX
—40
—
ns
—
TX_CLK duty cycle
tMTXH/tMTX
35
—
65
%
—
TX_CLK to MII data TXD[3:0], TX_ER, TX_EN
delay
tMTKHDX
1
5
15
ns
—
TX_CLK data clock rise (20%–80%)
tMTXR
1.0
—
4.0
ns
—
TX_CLK data clock fall (80%–20%)
tMTXF
1.0
—
4.0
ns
—
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMTKHDX symbolizes MII transmit
timing (MT) for the time tMTX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in general,
the clock reference symbol representation is based on two to three letters representing the clock of a particular functional.
For example, the subscript of tMTX represents the MII(M) transmit (TX) clock. For rise and fall times, the latter convention is
used with the appropriate letter: R (rise) or F (fall).
Table 33. MII Receive AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.or 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
RX_CLK clock period 10 Mbps
tMRX
—400
—
ns
—
RX_CLK clock period 100 Mbps
tMRX
—40
—
ns
—
RX_CLK duty cycle
tMRXH/tMRX
35
—
65
%
—
TX_CLK
TXD[3:0]
tMTKHDX
tMTX
tMTXH
tMTXR
tMTXF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com